Electronic Components Datasheet Search
  English  ▼

X  

X5643P Datasheet(PDF) 7 Page - Xicor Inc.

Part # X5643P
Description  CPU Supervisor with 64Kbit SPI EEPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5643P Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X5643P Datasheet HTML 3Page - Xicor Inc. X5643P Datasheet HTML 4Page - Xicor Inc. X5643P Datasheet HTML 5Page - Xicor Inc. X5643P Datasheet HTML 6Page - Xicor Inc. X5643P Datasheet HTML 7Page - Xicor Inc. X5643P Datasheet HTML 8Page - Xicor Inc. X5643P Datasheet HTML 9Page - Xicor Inc. X5643P Datasheet HTML 10Page - Xicor Inc. X5643P Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
X5643/X5645
Characteristics subject to change without notice.
7 of 19
REV 1.1.1 3/5/01
www.xicor.com
Figure 5. Read EEPROM Array Sequence
0123
456789
10
20 21 22 23 24 25
26 27 28 29 30
7
654321
0
Data Out
CS
SCK
SI
SO
MSB
High Impedance
Instruction
16 Bit Address
15 14 13
3
2
1
0
Setting the WP pin LOW while WPEN is a “1” while an
internal write cycle to the status register is in progress
will not stop this write operation, but the operation dis-
ables subsequent write attempts to the status register.
When WP is HIGH, all functions, including nonvolatile
writes to the status register operate normally. Setting
the WPEN bit in the status register to “0” blocks the WP
pin function, allowing writes to the status register when
WP is HIGH or LOW. Setting the WPEN bit to “1” while
the WP pin is LOW activates the programmable ROM
mode, thus requiring a change in the WP pin prior to
subsequent status register changes. This allows manu-
facturing to install the device in a system with WP pin
grounded and still be able to program the status regis-
ter. Manufacturing can then load configuration data,
manufacturing time and other parameters into the
EEPROM, then set the portion of memory to be pro-
tected by setting the block lock bits, and finally set the
“OTP mode” by setting the WPEN bit. Data changes
now require a hardware change.
Read Sequence
When reading from the EEPROM memory array, CS is first
pulled low to select the device. The 8-bit READ instruction
is transmitted to the device, followed by the 16-bit address.
After the READ opcode and address are sent, the data
stored in the memory at the selected address is shifted out
on the SO line. The data stored in memory at the next
address can be read sequentially by continuing to provide
clock pulses. The address is automatically incremented to
the next higher address after each byte of data is shifted
out. When the highest address is reached, the address
counter rolls over to address $0000 allowing the read
cycle to be continued indefinitely. The read operation is
terminated by taking CS high. Refer to the read EEPROM
array sequence (Figure 1).
To read the status register, the CS line is first pulled low
to select the device followed by the 8-bit RDSR instruc-
tion. After the RDSR opcode is sent, the contents of the
status register are shifted out on the SO line. Refer to
the read status register sequence (Figure 2).
Write Sequence
Prior to any attempt to write data into the device, the
“Write Enable” Latch (WEL) must first be set by issuing
the WREN instruction (Figure 3). CS is first taken LOW,
then the WREN instruction is clocked into the device.
After all eight bits of the instruction are transmitted, CS
must then be taken HIGH. If the user continues the write
operation without taking CS HIGH after issuing the
WREN instruction, the write operation will be ignored.
To write data to the EEPROM memory array, the user
then issues the WRITE instruction followed by the 16
bit address and then the data to be written. Any
unused address bits are specified to be “0’s”. The
WRITE operation minimally takes 32 clocks. CS must
go low and remain low for the duration of the operation.
If the address counter reaches the end of a page and
the clock continues, the counter will roll back to the first
address of the page and overwrite any data that may
have been previously written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com