Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPI Datasheet(PDF) 12 Page - Xicor Inc.

Part # X9241AMPI
Description  Quad Digitally Controlled Potentiometer (XDCP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241AMPI Datasheet(HTML) 12 Page - Xicor Inc.

Back Button X9241AMPI Datasheet HTML 8Page - Xicor Inc. X9241AMPI Datasheet HTML 9Page - Xicor Inc. X9241AMPI Datasheet HTML 10Page - Xicor Inc. X9241AMPI Datasheet HTML 11Page - Xicor Inc. X9241AMPI Datasheet HTML 12Page - Xicor Inc. X9241AMPI Datasheet HTML 13Page - Xicor Inc. X9241AMPI Datasheet HTML 14Page - Xicor Inc. X9241AMPI Datasheet HTML 15Page - Xicor Inc. X9241AMPI Datasheet HTML 16Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
X9241A
Characteristics subject to change without notice.
12 of 18
REV 1.1.13 12/09/02
www.xicor.com
A.C. CONDITIONS OF TEST
SYMBOL TABLE
Equivalent A.C. Test Circuit
Circuit #3 SPICE Macro Model
Guidelines for Calculating
Typical Values of Bus Pull-Up Resistors
DCP Wiper Current De-rating Curve
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing levels
VCC x 0.5
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance
5V
1533
Ω
100pF
SDA Output
RH
CH
10pF
CW
RL
CL
RW
RTOTAL
25pF
10pF
Macro Model
120
100
80
40
60
20
20
40
60
80 100 120
0
0
Bus Capacitance (pF)
Min.
Resistance
Max.
Resistance
RMAX =
CBUS
tR
RMIN =
IOL MIN
VCC MAX
=1.8K
Ω
7
6
5
3
4
1
20
40
60
70
80
90
0
0
Ambient Temperature (°C)
2
50
10
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com