Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPI Datasheet(PDF) 17 Page - Xicor Inc.

Part # X9241AMPI
Description  Quad Digitally Controlled Potentiometer (XDCP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241AMPI Datasheet(HTML) 17 Page - Xicor Inc.

Back Button X9241AMPI Datasheet HTML 10Page - Xicor Inc. X9241AMPI Datasheet HTML 11Page - Xicor Inc. X9241AMPI Datasheet HTML 12Page - Xicor Inc. X9241AMPI Datasheet HTML 13Page - Xicor Inc. X9241AMPI Datasheet HTML 14Page - Xicor Inc. X9241AMPI Datasheet HTML 15Page - Xicor Inc. X9241AMPI Datasheet HTML 16Page - Xicor Inc. X9241AMPI Datasheet HTML 17Page - Xicor Inc. X9241AMPI Datasheet HTML 18Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
X9241A
Characteristics subject to change without notice.
17 of 18
REV 1.1.13 12/09/02
www.xicor.com
PACKAGING INFORMATION
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
20-Lead Plastic, TSSOP, Package Type V
See Detail “A”
.031 (.80)
.041 (1.05)
.169 (4.3)
.177 (4.5)
.252 (6.4) BSC
.025 (.65) BSC
.260 (6.6)
.252 (6.4)
.002 (.05)
.006 (.15)
.047 (1.20)
.0075 (.19)
.0118 (.30)
0° - 8°
.010 (.25)
.019 (.50)
.029 (.75)
Gage Plane
Seating Plane
Detail A (20X)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com