Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPI Datasheet(PDF) 15 Page - Xicor Inc.

Part # X9241AMPI
Description  Quad Digitally Controlled Potentiometer (XDCP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241AMPI Datasheet(HTML) 15 Page - Xicor Inc.

Back Button X9241AMPI Datasheet HTML 10Page - Xicor Inc. X9241AMPI Datasheet HTML 11Page - Xicor Inc. X9241AMPI Datasheet HTML 12Page - Xicor Inc. X9241AMPI Datasheet HTML 13Page - Xicor Inc. X9241AMPI Datasheet HTML 14Page - Xicor Inc. X9241AMPI Datasheet HTML 15Page - Xicor Inc. X9241AMPI Datasheet HTML 16Page - Xicor Inc. X9241AMPI Datasheet HTML 17Page - Xicor Inc. X9241AMPI Datasheet HTML 18Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
X9241A
Characteristics subject to change without notice.
15 of 18
REV 1.1.13 12/09/02
www.xicor.com
PACKAGING INFORMATION
0.022 (0.559)
0.014 (0.356)
(3.81) 0.150
(2.92) 0.1150
0.10 (BSC)
(2.54)
1.060 (26.92)
0.980 (24.89)
0.900 (23.66)
Ref.
Pin 1 Index
0.195 (4.95)
0.115 (2.92)
––
0.015 (0.38)
Pin 1
Seating
Plane
0.070 (1.778)
0.045 (1.143)
0.280 (7.11)
0.240 (6.096)
—
0.005 (0.127)
0°
15°
20-Lead Plastic Dual In-Line Package Type P
1. ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
2. PACKAGE DIMENSIONS EXCLUDE MOLDING FLASH
0.014 (0.356)
0.008 (0.2032)
0.300
(7.62) (BSC)
NOTE:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com