Electronic Components Datasheet Search
  English  ▼

X  

X9241AMPI Datasheet(PDF) 16 Page - Xicor Inc.

Part # X9241AMPI
Description  Quad Digitally Controlled Potentiometer (XDCP)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241AMPI Datasheet(HTML) 16 Page - Xicor Inc.

Back Button X9241AMPI Datasheet HTML 10Page - Xicor Inc. X9241AMPI Datasheet HTML 11Page - Xicor Inc. X9241AMPI Datasheet HTML 12Page - Xicor Inc. X9241AMPI Datasheet HTML 13Page - Xicor Inc. X9241AMPI Datasheet HTML 14Page - Xicor Inc. X9241AMPI Datasheet HTML 15Page - Xicor Inc. X9241AMPI Datasheet HTML 16Page - Xicor Inc. X9241AMPI Datasheet HTML 17Page - Xicor Inc. X9241AMPI Datasheet HTML 18Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
X9241A
Characteristics subject to change without notice.
16 of 18
REV 1.1.13 12/09/02
www.xicor.com
PACKAGING INFORMATION
0.290 (7.37)
0.299 (7.60)
0.393 (10.00)
0.420 (10.65)
0.014 (0.35)
0.020 (0.50)
Pin 1
Pin 1 Index
0.050 (1.27)
0.496 (12.60)
0.508 (12.90)
0.003 (0.10)
0.012 (0.30)
0.092 (2.35)
0.105 (2.65)
(4X) 7°
20-Lead Plastic Small Outline Gull Wing Package Type S
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.420"
0.050"Typical
0.050"
Typical
0.030" Typical
20 Places
FOOTPRINT
0.010 (0.25)
0.020 (0.50)
0.015 (0.40)
0.050 (1.27)
0.007 (0.18)
0.011 (0.28)
0°–8°
X 45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com