Electronic Components Datasheet Search
  English  ▼

X  

S5718 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S5718
Description  LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5718 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S5718 Datasheet HTML 2Page - Seiko Instruments Inc S5718 Datasheet HTML 3Page - Seiko Instruments Inc S5718 Datasheet HTML 4Page - Seiko Instruments Inc S5718 Datasheet HTML 5Page - Seiko Instruments Inc S5718 Datasheet HTML 6Page - Seiko Instruments Inc S5718 Datasheet HTML 7Page - Seiko Instruments Inc S5718 Datasheet HTML 8Page - Seiko Instruments Inc S5718 Datasheet HTML 9Page - Seiko Instruments Inc S5718 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
S-5718 Series
Rev.1.1_00
6
Electrical Characteristics
1. S-5718Axxxx
Table 6
(Ta =
+25°C, VDD = 1.8 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage
VDD
−
1.45
1.8
3.6
V
−
Current consumption
IDD
Average value
−
1.4
3.0
μA
1
High level input voltage
VIH
−
VDD
× 0.85
−
VDD
V
2
Medium level input voltage
VIM
−
VDD
× 0.45
−
VDD
× 0.55
V
2
Low level input voltage
VIL
−
VSS
−
VDD
× 0.15
V
2
High level output voltage
VOH
IOUT =
−0.5 mA
VDD
− 0.4
−
−
V
3
Low level output voltage
VOL
IOUT = 0.5 mA
−
−
0.4
V
4
High level input current
IIH
Peak value
9
18
36
μA
5
Low level input current
IIL
Peak value
−36
−18
−9
μA
6
Awake mode time
tAW
−
−
0.1
−
ms
−
Sleep mode time
tSL
−
−
102.0
−
ms
−
Operating cycle
tCYCLE
tAW
+ tSL
−
102.1
200.0
ms
−
Detection pole switching time
tSWP
−
−
102.1
400.0
ms
−
2. S-5718Bxxxx
Table 7
(Ta =
+25°C, VDD = 1.8 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage
VDD
−
1.45
1.8
3.6
V
−
Current consumption
IDD
Average value
−
2.0
4.0
μA1
High level input voltage
VIH
−
VDD
× 0.85
−
VDD
V
2
Medium level input voltage
VIM
−
VDD
× 0.45
−
VDD
× 0.55
V
2
Low level input voltage
VIL
−
VSS
−
VDD
× 0.15
V
2
High level output voltage
VOH
IOUT =
−0.5 mA
VDD
− 0.4
−
−
V
3
Low level output voltage
VOL
IOUT = 0.5 mA
−
−
0.4
V
4
High level input current
IIH
Peak value
9
18
36
μA
5
Low level input current
IIL
Peak value
−36
−18
−9
μA
6
Awake mode time
tAW
−
−
0.1
−
ms
−
Sleep mode time
tSL
−
−
50.4
−
ms
−
Operating cycle
tCYCLE
tAW
+ tSL
−
50.5
100.0
ms
−
Detection pole switching time
tSWP
−
−
50.5
200.0
ms
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com