Electronic Components Datasheet Search
  English  ▼

X  

S5718 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S5718
Description  LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5718 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S5718 Datasheet HTML 1Page - Seiko Instruments Inc S5718 Datasheet HTML 2Page - Seiko Instruments Inc S5718 Datasheet HTML 3Page - Seiko Instruments Inc S5718 Datasheet HTML 4Page - Seiko Instruments Inc S5718 Datasheet HTML 5Page - Seiko Instruments Inc S5718 Datasheet HTML 6Page - Seiko Instruments Inc S5718 Datasheet HTML 7Page - Seiko Instruments Inc S5718 Datasheet HTML 8Page - Seiko Instruments Inc S5718 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
S-5718 Series
LOW VOLTAGE OPERATION
OMNIPOLAR / UNIPOLAR DETECTION TYPE
HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
www.sii-ic.com
© SII Semiconductor Corporation, 2017
Rev.1.1_00
1
This IC, developed by CMOS technology, is a high-accuracy Hall effect switch IC with switchable detection pole function
that operates at a low voltage and low current consumption.
The output voltage changes when this IC detects the intensity level of magnetic flux density of the polarity according to the
input pin status. The inclusion of a switchable detection pole function makes it possible to reduce the number of parts and
realize a variety of different systems by using this IC with a magnet. High-density mounting is possible by using the super
small SNT-4A package.
Due to its low voltage operation and low current consumption, this IC is suitable for battery-operated portable devices. Its
high-accuracy magnetic characteristics also allow this IC to reduce operation dispersion in magnet combination systems.
SII Semiconductor Corporation offers a "magnetic simulation service" that provides the ideal combination of magnets and
our Hall effect ICs for customer systems. Our magnetic simulation service will reduce prototype production, development
period and development costs. In addition, it will contribute to optimization of parts to realize high cost performance.
For more information regarding our magnetic simulation service, contact our sales office.
Features
• Switchable detection pole function:
Omnipolar detection, S pole detection, N pole detection
• Output logic
*1:
Active "L"
Active "H"
• Output form:
CMOS output
• Magnetic sensitivity (hysteresis width)
*1:
BOP = 1.8 mT typ. (BHYS = 0.7 mT typ.)
BOP = 3.0 mT typ. (BHYS = 0.8 mT typ.)
BOP = 3.0 mT typ. (BHYS = 1.3 mT typ.)
BOP = 4.5 mT typ. (BHYS = 1.0 mT typ.)
BOP = 4.5 mT typ. (BHYS = 2.5 mT typ.)
• Operating cycle (current consumption)
*1:
tCYCLE = 102.1 ms typ. (IDD = 1.4
μA typ.)
tCYCLE = 50.5 ms typ. (IDD = 2.0
μA typ.)
tCYCLE = 5.7 ms typ. (IDD = 12.0
μA typ.)
• Power supply voltage range
*2:
VDD = 1.45 V to 3.6 V
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. The option can be selected.
*2. Power supply voltage range is different by optional combination.
Applications
• Mobile phone, smart phone
• Notebook PC, tablet PC
• Wearable device
• Plaything, portable game
• Home appliance
Package
• SNT-4A


Similar Part No. - S5718

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5712A SII-S5712A Datasheet
2Mb / 43P
LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5712E SII-S5712E Datasheet
1Mb / 31P
HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5715 SII-S5715 Datasheet
1Mb / 28P
HIGH-SPEED / MIDDLE-SPEED LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5716 SII-S5716 Datasheet
1Mb / 28P
LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
S5717 SII-S5717 Datasheet
1Mb / 19P
LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results

Similar Description - S5718

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57B1NSL1B-M3T1U SII-S-57B1NSL1B-M3T1U Datasheet
1Mb / 20P
UNIPOLAR DETECTION TYPE HALL IC
S-5715CNDL1-M3T1U SII-S-5715CNDL1-M3T1U Datasheet
1Mb / 28P
UNIPOLAR DETECTION TYPE HALL IC
S-5715CNSL1-M3T1U SII-S-5715CNSL1-M3T1U Datasheet
1Mb / 28P
UNIPOLAR DETECTION TYPE HALL IC
S-5717ANDL8-I4T1U SII-S-5717ANDL8-I4T1U Datasheet
1Mb / 19P
UNIPOLAR DETECTION TYPE HALL IC
S-5732NSL1B-Y3N2U SII-S-5732NSL1B-Y3N2U Datasheet
1Mb / 21P
UNIPOLAR DETECTION TYPE HALL IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S5712A SII-S5712A Datasheet
2Mb / 43P
LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5712E SII-S5712E Datasheet
1Mb / 31P
HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5717 SII-S5717 Datasheet
1Mb / 19P
LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
logo
Rohm
BU52472NUZ ROHM-BU52472NUZ Datasheet
1Mb / 20P
Omnipolar Detection Hall IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com