Electronic Components Datasheet Search
  English  ▼

X  

S5718 Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S5718
Description  LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5718 Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S5718 Datasheet HTML 4Page - Seiko Instruments Inc S5718 Datasheet HTML 5Page - Seiko Instruments Inc S5718 Datasheet HTML 6Page - Seiko Instruments Inc S5718 Datasheet HTML 7Page - Seiko Instruments Inc S5718 Datasheet HTML 8Page - Seiko Instruments Inc S5718 Datasheet HTML 9Page - Seiko Instruments Inc S5718 Datasheet HTML 10Page - Seiko Instruments Inc S5718 Datasheet HTML 11Page - Seiko Instruments Inc S5718 Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
S-5718 Series
Rev.1.1_00
8
Magnetic Characteristics
1. Product with BOP = 1.8 mT typ. (BHYS = 0.7 mT typ.)
Table 9
(Ta =
+25°C, VDD = 1.8 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Operation point
*1
S pole
BOPS
SWP pin = VIM or VIL
0.6
1.8
3.0
mT
7
N pole
BOPN
SWP pin = VIM or VIH
−3.0
−1.8
−0.6
mT
7
Release point
*2
S pole
BRPS
SWP pin = VIM or VIL
0.1
1.1
2.4
mT
7
N pole
BRPN
SWP pin = VIM or VIH
−2.4
−1.1
−0.1
mT
7
Hysteresis width
*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
−
0.7
−
mT
7
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
−
0.7
−
mT
7
2. Product with BOP = 3.0 mT typ. (BHYS = 0.8 mT typ.)
Table 10
(Ta =
+25°C, VDD = 1.8 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Operation point
*1
S pole
BOPS
SWP pin = VIM or VIL
1.6
3.0
4.0
mT
7
N pole
BOPN
SWP pin = VIM or VIH
−4.0
−3.0
−1.6
mT
7
Release point
*2
S pole
BRPS
SWP pin = VIM or VIL
1.1
2.2
3.7
mT
7
N pole
BRPN
SWP pin = VIM or VIH
−3.7
−2.2
−1.1
mT
7
Hysteresis width
*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
−
0.8
−
mT
7
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
−
0.8
−
mT
7
3. Product with BOP = 3.0 mT typ. (BHYS = 1.3 mT typ.)
Table 11
(Ta =
+25°C, VDD = 1.8 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Operation point
*1
S pole
BOPS
SWP pin = VIM or VIL
1.6
3.0
4.0
mT
7
N pole
BOPN
SWP pin = VIM or VIH
−4.0
−3.0
−1.6
mT
7
Release point
*2
S pole
BRPS
SWP pin = VIM or VIL
0.5
1.7
2.8
mT
7
N pole
BRPN
SWP pin = VIM or VIH
−2.8
−1.7
−0.5
mT
7
Hysteresis width
*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
−
1.3
−
mT
7
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
−
1.3
−
mT
7
4. Product with BOP = 4.5 mT typ. (BHYS = 1.0 mT typ.)
Table 12
(Ta =
+25°C, VDD = 1.8 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Operation point
*1
S pole
BOPS
SWP pin = VIM or VIL
2.5
4.5
6.0
mT
7
N pole
BOPN
SWP pin = VIM or VIH
−6.0
−4.5
−2.5
mT
7
Release point
*2
S pole
BRPS
SWP pin = VIM or VIL
2.0
3.5
5.5
mT
7
N pole
BRPN
SWP pin = VIM or VIH
−5.5
−3.5
−2.0
mT
7
Hysteresis width
*3
S pole
BHYSS
BHYSS = BOPS
− BRPS
−
1.0
−
mT
7
N pole
BHYSN
BHYSN =
|BOPN − BRPN|
−
1.0
−
mT
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com