Electronic Components Datasheet Search
  English  ▼

X  

S5718 Datasheet(PDF) 13 Page - Seiko Instruments Inc

Part # S5718
Description  LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5718 Datasheet(HTML) 13 Page - Seiko Instruments Inc

Back Button S5718 Datasheet HTML 9Page - Seiko Instruments Inc S5718 Datasheet HTML 10Page - Seiko Instruments Inc S5718 Datasheet HTML 11Page - Seiko Instruments Inc S5718 Datasheet HTML 12Page - Seiko Instruments Inc S5718 Datasheet HTML 13Page - Seiko Instruments Inc S5718 Datasheet HTML 14Page - Seiko Instruments Inc S5718 Datasheet HTML 15Page - Seiko Instruments Inc S5718 Datasheet HTML 16Page - Seiko Instruments Inc S5718 Datasheet HTML 17Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LOWVOLTAGEOPERATIONOMNIPOLAR/UNIPOLARDETECTIONTYPEHALLEFFECTSWITCHICWITHSWITCHABLEDETECTIONPOLEFUNCTION
Rev.1.1_00
S-5718 Series
13
3. Basic operation
This IC changes the output voltage (VOUT) according to the level of the magnetic flux density (N pole or S pole) applied
by a magnet.
This IC can also switch the detection pole according to the SWP pin input voltage (VIN) status.
The following explains the operation for active "L" products.
3. 1 When VIN is medium level input voltage (VIM)
This IC performs omnipolar detection operation. Set the SWP pin to an open status or input VIM to the SWP pin.
If a capacitor with large capacitance is connected to the SWP pin when using the pin in the open status, steep
changes in power supply voltage at power-on and during power supply fluctuations may cause erroneous N pole
or S pole detection operation. For this reason, it is recommended that the SWP pin capacity be set to 100 pF or
lower including parasitic capacitance.
VOUT
S pole
0
BOPN
BRPN
BRPS
BOPS
N pole
Magnetic flux density (B)
BHYSS
BHYSN
"H"
"L"
Figure 16
3. 2 When VIN is low level input voltage (VIL)
This IC performs S pole detection operation. Connect the SWP pin to VSS pin with a resistor having 10 k
Ω or
lower, or input VIL to the SWP pin.
VOUT
S pole
0
BRPS
BOPS
N pole
Magnetic flux density (B)
BHYSS
"H"
"L"
Figure 17
3. 3 When VIN is high level input voltage (VIH)
This IC performs N pole detection operation. Connect the SWP pin to VDD pin with a resistor having 10 k
Ω or
lower, or input VIH to the SWP pin.
VOUT
S pole
0
BOPN
BRPN
N pole
Magnetic flux density (B)
BHYSN
"H"
"L"
Figure 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com