Electronic Components Datasheet Search
  English  ▼

X  

RT9107BGPTP Datasheet(PDF) 39 Page - Richtek Technology Corporation

Part # RT9107BGPTP
Description  Dual-Channel Digital Audio System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9107BGPTP Datasheet(HTML) 39 Page - Richtek Technology Corporation

Back Button RT9107BGPTP Datasheet HTML 34Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 35Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 36Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 37Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 38Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 39Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 40Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 41Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 42Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
RT9107B
39
DS9107B-00 November 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 4. Derating Curve of Maximum Power Dissipation
Thermal Considerations
For continuous operation, do not exceed absolute
maximum junction temperature. The maximum power
dissipation depends on the thermal resistance of the IC
package, PCB layout, rate of surrounding airflow, and
difference between junction and ambient temperature. The
maximum power dissipation can be calculated by the
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
where TJ(MAX) is the maximum junction temperature, TAis
the ambient temperature, and
θJA is the junction to ambient
thermal resistance.
For recommended operating condition specifications, the
maximum junction temperature is 125
°C. The junction to
ambient thermal resistance,
θJA, is layout dependent. For
TQFP-48L 7x7 (Exposed Pad) package, the thermal
resistance,
θJA, is 28.9°C/W on a standard JEDEC 51-7
four-layer thermal test board. The maximum power
dissipation at TA = 25
°C can be calculated by the following
formula :
PD(MAX) = (125
°C − 25°C) / (28.9°C/W) = 3.46W for
TQFP-48L 7x7 (Exposed Pad) package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curves in Figure 4 allow the
designer to see the effect of rising ambient temperature
on the maximum power dissipation.
0.0
0.8
1.6
2.4
3.2
4.0
0
25
50
75
100
125
Ambient Temperature (°C)
Four-Layer PCB
Layout Reference
For best performance of the RT9107B, the below PCB
Layout guidelines must be strictly followed.
For higher frequency transients, spikes, or digital hash
on the line, a good low Equivalent-Series-Resistance
(ESR) ceramic capacitor, typically 1
μF, placed as close
as possible to the device PVDD_AB/CD and DVDD pin
lead works best. Placing this decoupling capacitor close
to the RT9107B is very important for the efficiency of the
class-D amplifier, because any resistance or inductance
in the trace between the device and the capacitor can cause
a loss in efficiency. For filtering lower-frequency noise
signals, a 100
μF or greater capacitor placed near the audio
power amplifier would also help. The traces of OUT_A and
OUT_B should be kept equal width and length respectively.
The L+C filter be placed close to chip for better EMI
performance. The power trace of boost inductor is
suggested to be placed on the external layers for higher
current capability. For the case of speaker impedance equal
to 8
Ω, trace width greater than 60mil is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com