Electronic Components Datasheet Search
  English  ▼

X  

RT9107BGPTP Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9107BGPTP
Description  Dual-Channel Digital Audio System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9107BGPTP Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9107BGPTP Datasheet HTML 9Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 10Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 11Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 12Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 13Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 14Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 15Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 16Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
RT9107B
13
DS9107B-00 November 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Efficiency vs. Output Power
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
25
Output Power (W)
PVDD = 12V
PVDD = 18V
PVDD = 24V
Crosstalk vs. Frequency
Frequency (Hz)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
20
50 100 200
500
1k
2k
5k 10k 20k
PVDD = 12V, RL = 8
Ω
CH-R to CH-L
CH-L to CH-R
Crosstalk vs. Frequency
Frequency (Hz)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
20
50 100 200
500
1k
2k
5k 10k 20k
PVDD = 24V, RL = 8
Ω
CH-R to CH-L
CH-L to CH-R
Crosstalk vs. Frequency
Frequency (Hz)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
20
50 100 200
500
1k
2k
5k 10k 20k
PVDD = 18V, RL = 8
Ω
CH-R to CH-L
CH-L to CH-R
Output Power vs. Supply Voltage
0
5
10
15
20
25
30
35
40
8
101214161820222426
Supply Voltage (V)
THD+N = 1%
THD+N = 10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com