Electronic Components Datasheet Search
  English  ▼

X  

RT9107BGPTP Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT9107BGPTP
Description  Dual-Channel Digital Audio System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9107BGPTP Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT9107BGPTP Datasheet HTML 28Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 29Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 30Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 31Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 32Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 33Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 34Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 35Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 36Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
RT9107B
32
DS9107B-00 November 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
ADR
Name
B
Bit
Bit Name
Description (Bold font indicates the default setting)
Default
0x50 BAND_SEL
3
23 B2_32K
0 : 32kHz, does not use bank 3
1 : 32kHz, uses bank 3
0x70
20 B2_48K
0 : 44.1/48kHz, does not use bank 3
1 : 44.1/48kHz, uses bank 3
19 B2_16K
0 : 16kHz, does not use bank 3
1 : 16kHz, uses bank 3
18 B2_22K
0 : 22.025/24kHz, does not use bank 3
1 : 22.025/24kHz, uses bank 3
17 B2_8K
0 : 8kHz, does not use bank 3
1 : 8kHz, uses bank 3
16 B2_11K
0 : 11.025/12kHz, does not use bank 3
1 : 11.025/12kHz, uses bank 3
2
15 B1_32K
0 : 32kHz, does not use bank 3
1 : 32kHz, uses bank 3
0x80
12 B1_48K
0 : 44.1/48kHz, does not use bank 3
1 : 44.1/48kHz, uses bank 3
11 B1_16K
0 : 16kHz, does not use bank 3
1 : 16kHz, uses bank 3
10 B1_22K
0 : 22.025/24kHz, does not use bank 3
1 : 22.025/24kHz, uses bank 3
9
B1_8K
0 : 8kHz, does not use bank 3
1 : 8kHz, uses bank 3
8
B1_11K
0 : 11.025/12kHz, does not use bank 3
1 : 11.025/12kHz, uses bank 3
1
7
EQ_EN
0 : EQ ON
1 : EQ OFF (bypass BQ 0-7 of channels 1 and 2)
0x00
5
B_MAP
0 : Ignore bank-mapping in bits D31–D8.Use default
mapping.
1 : Use bank-mapping in bits D31–D8
4
BQL
0 : L and R can be written independently
1 : L and R are ganged for EQ biquads; a write to left-channel
BQ is also written to right-channel BQ. (0x29–0x2F is
ganged to 0x30–0x36. Also 0x58–0x5B is ganged to
0x5C–0x5F)
2:0
BAND_SW
[2:0]
000 : No bank switching. All updates to DAP
001 : Configure bank 1 (32kHz by default)
010 : Configure bank 2 (44.1/48kHz by default)
011 : Configure bank 3 (other sample rates by default)
100 : Automatic bank selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com