Electronic Components Datasheet Search
  English  ▼

X  

RT9107BGPTP Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # RT9107BGPTP
Description  Dual-Channel Digital Audio System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9107BGPTP Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button RT9107BGPTP Datasheet HTML 17Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 18Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 19Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 20Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 21Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 22Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 23Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 24Page - Richtek Technology Corporation RT9107BGPTP Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
RT9107B
21
DS9107B-00 November 2016
www.richtek.com
©
Copyright 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Dynamic Range Control (DRC)
DRC is a specific feature to automatically adjust the volume gain corresponds to different input signal. With DRC
function, the output dynamic range is under controlled from input amplitude is unknown or varies over a wide range.
RT9107B provide three thresholds as dynamic range compression (DRCx_T), extension (DRCx_E_T) and Noise Gate
(DRCx_N_T). For the application of compression and extension, the slope ratio can be programmed as DRCx_K and
DRCx_E_K, respectively.
DRC function is composed of several parts as following Figure.
Then, the filtered signal is compared with the given compression threshold. After the comparison between Input signal
amplitude and threshold, the Attack Rate (DRCx_AA) determines how quickly the DRC gain decreases when the signal
amplitude is high. The Decay Rate (DRCx_AD) determines how quickly the DRC gain increases when the signal amplitude
is low.
Compressor rate
Compressor/limit
Expander
Noise gate
Dynamic
range
Input Level (dB)
window
s
-1
t
f ln(1-ae)
Energy
Filter
Compression
Filter
Attack/Decay
Filter
Gain
AE
1-AE
AA
1-AA
AD
1-AD
Audio Input
Audio Output
Alpha Filter Structure
Z
-1
-
Note :
= 1
The input signal passes through the programmable Energy Filter (DRCx_AE). The Filter structure is shown in following
Figure.
The time constant of each filter can be determined by below equation :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com