Electronic Components Datasheet Search
  English  ▼

X  

71875 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 71875
Description  N-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

71875 Datasheet(HTML) 1 Page - Vishay Siliconix

  71875 Datasheet HTML 1Page - Vishay Siliconix 71875 Datasheet HTML 2Page - Vishay Siliconix 71875 Datasheet HTML 3Page - Vishay Siliconix 71875 Datasheet HTML 4Page - Vishay Siliconix 71875 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D PWM Optimized
D New Low Thermal Resistance PowerPAKt Package with
Low 1.07-mm Profile
APPLICATIONS
D DC/DC Converters
–
Low-Side MOSFET in Synchronous Buck in Desktops
D Secondary Synchronous Rectifier
Si7880DP
Vishay Siliconix
New Product
Document Number: 71875
S-20919—Rev. A, 01-Jul-02
www.vishay.com
1
N-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
0.003 @ VGS = 10 V
29
30
0.00425 @ VGS = 4.5 V
25
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
6.15 mm
5.15 mm
PowerPAK
t SO-8
Bottom View
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
30
Gate-Source Voltage
VGS
"20
V
_
TA = 25_C
29
18
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
25
14
Pulsed Drain Current (10
ms Pulse Width)
IDM
60
A
Continuous Source Current (Diode Conduction)a
IS
4.5
1.6
TA = 25_C
5.4
1.9
Maximum Power Dissipationa
TA = 70_C
PD
3.4
1.2
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
t
v 10 sec
18
23
Maximum Junction-to-Ambienta
Steady State
RthJA
50
65
_C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
1.0
1.5
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - 71875

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
7187 PHOENIX-7187 Datasheet
291Kb / 8P
Inline power terminal, 230 V AC, with fuse and diagnostics
logo
Keystone Electronics Co...
7187 KEYSTONE-7187 Datasheet
401Kb / 1P
HANDLES
31-07 20th
logo
List of Unclassifed Man...
7187-8847 ETC2-7187-8847 Datasheet
161Kb / 1P
060 8P HLC HOUSING FEMALE
2011/11/24
7187-8847-30 ETC2-7187-8847-30 Datasheet
161Kb / 1P
060 8P HLC HOUSING FEMALE
2011/11/24
7187-8847-60 ETC2-7187-8847-60 Datasheet
161Kb / 1P
060 8P HLC HOUSING FEMALE
2011/11/24
More results

Similar Description - 71875

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
N-Channel 30-V (D-S) MOSFET
23-Nov-98
SI1304BDL VISHAY-SI1304BDL_08 Datasheet
123Kb / 7P
N-Channel 30-V (D-S) MOSFET
03-Oct-05
SI1426DH VISHAY-SI1426DH_08 Datasheet
71Kb / 5P
N-Channel 30-V (D-S) MOSFET
18-Feb-02
SI2316BDS VISHAY-SI2316BDS Datasheet
107Kb / 6P
N-Channel 30-V (D-S) MOSFET
02-Jul-07
SI3424BDV VISHAY-SI3424BDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
24-Dec-07
SI3454CDV VISHAY-SI3454CDV Datasheet
144Kb / 7P
N-Channel 30-V (D-S) MOSFET
26-May-08
SI3456CDV VISHAY-SI3456CDV Datasheet
138Kb / 7P
N-Channel 30-V (D-S) MOSFET
04-Feb-08
SUM90N03-2M2P VISHAY-SUM90N03-2M2P Datasheet
136Kb / 6P
N-Channel 30-V (D-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2304DS KEXIN-KI2304DS Datasheet
49Kb / 2P
N-Channel 30-V (D-S) MOSFET
KI1304BDL KEXIN-KI1304BDL Datasheet
71Kb / 2P
N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com