Electronic Components Datasheet Search
  English  ▼

X  

71875 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 71875
Description  N-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

71875 Datasheet(HTML) 3 Page - Vishay Siliconix

  71875 Datasheet HTML 1Page - Vishay Siliconix 71875 Datasheet HTML 2Page - Vishay Siliconix 71875 Datasheet HTML 3Page - Vishay Siliconix 71875 Datasheet HTML 4Page - Vishay Siliconix 71875 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si7880DP
Vishay Siliconix
New Product
Document Number: 71875
S-20919—Rev. A, 01-Jul-02
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.000
0.002
0.004
0.006
0.008
0.010
02468
10
0.000
0.001
0.002
0.003
0.004
0.005
0
102030405060
0
2
4
6
8
10
0
1836547290
0.6
0.8
1.0
1.2
1.4
1.6
1.8
–50
–25
0
25
50
75
100
125
150
0
1600
3200
4800
6400
8000
0
4
8
12
16
20
Crss
Coss
Ciss
VDS = 15 V
ID = 29 A
VGS = 10 V
ID = 29 A
VGS = 4.5 V
Gate Charge
On-Resistance vs. Drain Current
Qg – Total Gate Charge (nC)
VDS – Drain-to-Source Voltage (V)
ID – Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (_C)
1.0
1.2
1
10
60
0.00
0.2
0.4
0.6
0.8
TJ = 25_C
TJ = 150_C
Source-Drain Diode Forward Voltage
VSD – Source-to-Drain Voltage (V)
ID = 29 A
On-Resistance vs. Gate-to-Source Voltage
VGS – Gate-to-Source Voltage (V)
VGS = 10 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com