Electronic Components Datasheet Search
  English  ▼

X  

71875 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 71875
Description  N-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

71875 Datasheet(HTML) 4 Page - Vishay Siliconix

  71875 Datasheet HTML 1Page - Vishay Siliconix 71875 Datasheet HTML 2Page - Vishay Siliconix 71875 Datasheet HTML 3Page - Vishay Siliconix 71875 Datasheet HTML 4Page - Vishay Siliconix 71875 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si7880DP
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 71875
S-20919—Rev. A, 01-Jul-02
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
–1.0
–0.8
–0.6
–0.4
–0.2
–0.0
0.2
0.4
–50
–25
0
25
50
75
100
125
150
ID = 250 mA
Threshold Voltage
TJ – Temperature (_C)
0
120
200
40
80
Single Pulse Power
Time (sec)
160
10–3
10–2
1
10
600
10–1
10–4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (sec)
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 50_C/W
3. TJM – TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
110
0.1
0.01
0.001
Safe Operating Area
VDS – Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TC = 25_C
Single Pulse
0.1
Limited by
rDS(on)
dc
1 ms
10 ms
100 ms
1 s
10 s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com