Electronic Components Datasheet Search
  English  ▼

X  

IC-OG Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-OG
Description  8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OG Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-OG Datasheet HTML 1Page - IC-Haus GmbH IC-OG Datasheet HTML 2Page - IC-Haus GmbH IC-OG Datasheet HTML 3Page - IC-Haus GmbH IC-OG Datasheet HTML 4Page - IC-Haus GmbH IC-OG Datasheet HTML 5Page - IC-Haus GmbH IC-OG Datasheet HTML 6Page - IC-Haus GmbH IC-OG Datasheet HTML 7Page - IC-Haus GmbH IC-OG Datasheet HTML 8Page - IC-Haus GmbH IC-OG Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
preliminary
preliminary
iC-OG
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Rev D1, Page 1/10
FEATURES
o Monolithic construction with integrated photodiodes ensures
excellent matching and technical reliability
o Short track spacing of 600 µm
o Elimination of dark currents through differential scanning
o Photocurrent amplifier with high cut-off frequency
o Comparators with precise signal-related hysteresis
o Current-limited push-pull outputs
o Adjustable LED current control for constant received power
o Integrated power driver for the LED
o LED current monitor with error message output
o Integrated test aid
o Low power consumption from 5 V supply voltage
o Space-saving 38-pin optoQFN with extended temperature
range of -40 to +120 °C
o 20-pin BLCC package with protective glass lid
o Options: custom reticle assembly, customized COB modules
APPLICATIONS
o Linear and rotary position
sensors
o Absolute Gray-code encoders
o Mixed incremental/absolute
encoders
PACKAGES
oQFN38-7x5
(7 mm x 5 mm)
BLCC OGC
(8.2 mm x 9.5 mm)
BLOCK DIAGRAM
Copyright © 2012 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-OG

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OG ICHAUS-IC-OG Datasheet
216Kb / 9P
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OGBLCCOGC ICHAUS-IC-OGBLCCOGC Datasheet
216Kb / 9P
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OGCHIP ICHAUS-IC-OGCHIP Datasheet
216Kb / 9P
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
More results

Similar Description - IC-OG

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
8-bit Priority Encoder
logo
IC-Haus GmbH
IC-LV ICHAUS-IC-LV Datasheet
196Kb / 12P
5-BIT OPTO ENCODER
IC-OF ICHAUS-IC-OF Datasheet
143Kb / 6P
3-BIT OPTO ENCODER
IC-OG ICHAUS-IC-OG Datasheet
216Kb / 9P
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-OV ICHAUS-IC-OV Datasheet
412Kb / 9P
5-BIT OPTO ENCODER
IC-OW ICHAUS-IC-OW Datasheet
243Kb / 7P
INCREMENTAL OPTO ENCODER
IC-WG ICHAUS-IC-WG Datasheet
321Kb / 11P
14-BIT DIFFERENTIAL SCANNING OPTO ENCODER
IC-LNB ICHAUS-IC-LNB_16 Datasheet
1Mb / 37P
18-BIT OPTO ENCODER
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
16-BIT OPTO ENCODER
IC-LV ICHAUS-IC-LV_16 Datasheet
468Kb / 15P
5-BIT OPTO ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com