Electronic Components Datasheet Search
  English  ▼

X  

IC-OG Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-OG
Description  8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OG Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-OG Datasheet HTML 1Page - IC-Haus GmbH IC-OG Datasheet HTML 2Page - IC-Haus GmbH IC-OG Datasheet HTML 3Page - IC-Haus GmbH IC-OG Datasheet HTML 4Page - IC-Haus GmbH IC-OG Datasheet HTML 5Page - IC-Haus GmbH IC-OG Datasheet HTML 6Page - IC-Haus GmbH IC-OG Datasheet HTML 7Page - IC-Haus GmbH IC-OG Datasheet HTML 8Page - IC-Haus GmbH IC-OG Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
preliminary
preliminary
iC-OG
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Rev D1, Page 2/10
DESCRIPTION
iC-OG is an optoelectronic sensor IC for linear and
rotary motion control systems, such as glass scales
or shaft encoders, for example.
Photodiodes,
amplifiers,
comparators and TTL-
compatible push-pull output drivers are integrated
monolithically. Each of the 8 tracks is evaluated dif-
ferentially; 3 tracks feature additional high-side and
low-side current sources and output a push-pull ana-
log signal.
The integrated LED current control with its driver
stage connects to the encoder LED and ensures a
constant optical received power. A series resistor
is used here as current limiter, and thus defines the
control’s operating range. If the LED current control
reaches operating limits, error message output NER
indicates a low signal (LED end-of-life, or open loop
conditions).
Tracks 0 and 1 with their differential scanning pho-
todiodes provide a sum current for LED controlling,
averaged by the capacitor at pin CSR. The sum cur-
rent is compared with the setpoint adjusted by the
external resistor at pin ISET.
Two test pins (TIP, TIN) allow a full test of all chip
functions to be carried out excluding the photodiodes.
All push-pull and analog outputs are protected
against ESD and short-circuit damage.
The error
message output NER is also protected against short-
circuiting and can be used in bus systems due to its
open-collector output.
PACKAGES
PAD LAYOUT / CHIP LAYOUT
Chip size 3.05 mm x 5.1 mm
PAD FUNCTIONS
No.
Name Function
See pin functions.
Notes
The optical sensor axis is not exactly
the chip center.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com