Electronic Components Datasheet Search
  English  ▼

X  

IC-OG Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-OG
Description  8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OG Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-OG Datasheet HTML 1Page - IC-Haus GmbH IC-OG Datasheet HTML 2Page - IC-Haus GmbH IC-OG Datasheet HTML 3Page - IC-Haus GmbH IC-OG Datasheet HTML 4Page - IC-Haus GmbH IC-OG Datasheet HTML 5Page - IC-Haus GmbH IC-OG Datasheet HTML 6Page - IC-Haus GmbH IC-OG Datasheet HTML 7Page - IC-Haus GmbH IC-OG Datasheet HTML 8Page - IC-Haus GmbH IC-OG Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
preliminary
preliminary
iC-OG
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Rev D1, Page 4/10
PACKAGE DIMENSIONS oQFN38-7x5
7
5
0.139
0.161
TOP
0.23
0.50
5.65
BOTTOM
SIDE
0.30
0.50
5.65
6.90
R0.15
RECOMMENDED PCB-FOOTPRINT
dra_og-oqfn38-1_pack_1, 8:1
Maximum molding excess +0 µm / -50 µm versus surface of glass.
All dimensions given in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com