Electronic Components Datasheet Search
  English  ▼

X  

IC-OG Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-OG
Description  8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OG Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-OG Datasheet HTML 1Page - IC-Haus GmbH IC-OG Datasheet HTML 2Page - IC-Haus GmbH IC-OG Datasheet HTML 3Page - IC-Haus GmbH IC-OG Datasheet HTML 4Page - IC-Haus GmbH IC-OG Datasheet HTML 5Page - IC-Haus GmbH IC-OG Datasheet HTML 6Page - IC-Haus GmbH IC-OG Datasheet HTML 7Page - IC-Haus GmbH IC-OG Datasheet HTML 8Page - IC-Haus GmbH IC-OG Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
preliminary
preliminary
iC-OG
8-BIT DIFFERENTIAL SCANNING OPTO ENCODER
Rev D1, Page 3/10
PIN CONFIGURATION BLCC OGC
9.5 mm x 8.2 mm x 1.8 mm; lead pitch 0.8 mm;
A package datasheet is available separately.
PIN FUNCTIONS
No. Name Function
1 CSR
External capacitor for LED control
2 NI0
Track 0 Analog Push-Pull Output
3 NI1
Track 1 Analog Push-Pull Output
4 NI2
Track 2 Analog Push-Pull Output
5 LED
LED Driver Output
6 AGND Reference Ground for ISET and CSR
Circuitry
7 ISET
LED Current Control Setup
8 TIN
Negative Test Aid Input
9 TIP
Positive Test Aid Input
10 NER
Error Message Output, low active
11 GND
Ground
12 S7
Track 7 Push-Pull Output
13 S6
Track 6 Push-Pull Output
14 S5
Track 5 Push-Pull Output
15 S4
Track 4 Push-Pull Output
16 S3
Track 3 Push-Pull Output
17 S2
Track 2 Push-Pull Output
18 S1
Track 1 Push-Pull Output
19 S0
Track 0 Push-Pull Output
20 VCC
+5 V Supply Voltage
PIN CONFIGURATION oQFN38-7x5
7.0 mm x 5.0 mm x 0.9 mm; lead pitch 0.5 mm; in qualification;
PIN FUNCTIONS
No. Name Function
1...7 n.c.
8 VCC
+5 V Supply Voltage
9 CSR
External capacitor for LED control
10 NI0
Track 0 Analog Push-Pull Output
11 NI1
Track 1 Analog Push-Pull Output
12 NI2
Track 2 Analog Push-Pull Output
PIN FUNCTIONS
No.
Name Function
13 LED
LED Driver Output
14 AGND Reference Ground for ISET and CSR
Circuitry
15 ISET
LED Current Control Setup
16 TIN
Negative Test Aid Input
17 TIP
Positive Test Aid Input
18 NER
Error Message Output, low active
19 GND
Ground
20...26 n.c.
27 S7
Track 7 Push-Pull Output
28 S6
Track 6 Push-Pull Output
29 n.c.
30 S5
Track 5 Push-Pull Output
31 n.c.
32 S4
Track 4 Push-Pull Output
33 n.c.
34 S3
Track 3 Push-Pull Output
35 n.c.
36 S2
Track 2 Push-Pull Output
37 S1
Track 1 Push-Pull Output
38 S0
Track 0 Push-Pull Output
n.c.
Pin not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com