Electronic Components Datasheet Search
  English  ▼

X  

IC-PVL Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-PVL
Description  LINEAR/OFF-AXIS BATTERY-BUFFERED HALL MULTITURN ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PVL Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-PVL Datasheet HTML 7Page - IC-Haus GmbH IC-PVL Datasheet HTML 8Page - IC-Haus GmbH IC-PVL Datasheet HTML 9Page - IC-Haus GmbH IC-PVL Datasheet HTML 10Page - IC-Haus GmbH IC-PVL Datasheet HTML 11Page - IC-Haus GmbH IC-PVL Datasheet HTML 12Page - IC-Haus GmbH IC-PVL Datasheet HTML 13Page - IC-Haus GmbH IC-PVL Datasheet HTML 14Page - IC-Haus GmbH IC-PVL Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
preliminary
preliminary
iC-PVL LINEAR/OFF-AXIS
BATTERY-BUFFERED HALL MULTITURN ENCODER
Rev B3, Page 11/33
REGISTER MAP (iC-PVL during I2C slave mode, ID = 0b1100 001)
OVERVIEW
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Interface and Hall Signal Processing
0x00
EN_PAR
EN_ERR
DIR
ST_GRAY
MT_GRAY
INT_MODE
0x01
OS
MT_BW
0x02
PCR
Battery Monitor, Bias and Oscillators
0x03
EN_WRN
BAT_MON
A_MAX
IBIAS
Miscellaneous
0x04
0
0
0
0
0
ONAX
POLEWID
0x05
I2C_POS
PCR_OUT
SYNC_BW
BAT_THR
HYS
ABQUAD
CRC Configuration (inverted)
0x06
CRC_CFG(7:0)
Multiturn Counter: Current Count (PCR_OUT = 0)
Multiturn Counter: Current Count (PCR_OUT = 1)
0x07
MT_COUNT(7:0)
Current PCR(7:0)
0x08
MT_COUNT(15:8)
MT_COUNT(7:0)
0x09
MT_COUNT(23:16)
MT_COUNT(15:8)
0x0A
MT_COUNT(31:24)
MT_COUNT(23:16)
0x0B
MT_COUNT(39:32)
MT_COUNT(31:24)
CRC Counter (inverted)
0x0C
CRC_CTR(7:0)
Synchronization Bits (I2C slave mode read only)
0x0D
0
0
0
0
0
SYNC(2:0)
0x0E
Reserved
Chip Release (I2C slave mode read only)
0x0F
CHIP_REL
Status Register (I2C slave mode only)
0x10
PRESET
PDR
BAT_WRN
BAT_ERR
POS_ERR
CTR_ERR
CFG_ERR
STUP_ERR
Command Register (I2C slave mode write only)
0x11
CMD(7:0)
Table 6: Register map during I2C slave mode
REGISTER MAP (iC-PVL during I2C slave mode, ID = 0b1100 000)
OVERVIEW
Addr
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Status Register (I2C slave mode only)
0x00
PRESET
PDR
BAT_WRN
BAT_ERR
POS_ERR
CTR_ERR
CFG_ERR
STUP_ERR
Command Register (I2C slave mode write only)
0x01
CMD(7:0)
Table 7: Register map during I2C slave mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com