Electronic Components Datasheet Search
  English  ▼

X  

IC-PVL Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-PVL
Description  LINEAR/OFF-AXIS BATTERY-BUFFERED HALL MULTITURN ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PVL Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-PVL Datasheet HTML 1Page - IC-Haus GmbH IC-PVL Datasheet HTML 2Page - IC-Haus GmbH IC-PVL Datasheet HTML 3Page - IC-Haus GmbH IC-PVL Datasheet HTML 4Page - IC-Haus GmbH IC-PVL Datasheet HTML 5Page - IC-Haus GmbH IC-PVL Datasheet HTML 6Page - IC-Haus GmbH IC-PVL Datasheet HTML 7Page - IC-Haus GmbH IC-PVL Datasheet HTML 8Page - IC-Haus GmbH IC-PVL Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
preliminary
preliminary
iC-PVL LINEAR/OFF-AXIS
BATTERY-BUFFERED HALL MULTITURN ENCODER
Rev B3, Page 3/33
CONTENTS
PACKAGING INFORMATION
4
PIN CONFIGURATION
QFN16 4 mm x 4 mm (top view) . . . . .
4
PACKAGE DIMENSIONS QFN16 4x4 . . . .
5
ABSOLUTE MAXIMUM RATINGS
6
THERMAL DATA
6
ELECTRICAL CHARACTERISTICS
7
OPERATING REQUIREMENTS
9
Serial and Parallel Interface . . . . . . . . . .
9
CONFIGURATION PARAMETERS
10
REGISTER MAP (EEPROM)
10
REGISTER MAP (iC-PVL during I2C slave
mode, ID = 0b1100 001)
11
REGISTER MAP (iC-PVL during I2C slave
mode, ID = 0b1100 000)
11
OPERATING MODE SELECTION
12
STARTUP BEHAVIOR
14
MAGNETIC SCALE SELECTION
16
COMPENSATION OF ASSEMBLY: Data Offset
and Counting Direction
18
SERIAL INTERFACE MODE (SEL = LOW)
19
OUTPUTS N0, P2, N2
20
MULTITURN COUNTER
21
PARALLEL ENCODER MODE (SEL = HIGH)
21
I2C MULTIMASTER INTERFACE AND CRC
PROTECTION
22
I2C SLAVE MODE
23
ERROR MONITOR, STATUS AND COMMAND
REGISTER
23
STUP_ERR: Startup Error . . . . . . . . . . .
23
CFG_ERR: Internal Configuration Error . . .
23
CTR_ERR: Internal Counter Error . . . . . .
23
POS_ERR: Position Error . . . . . . . . . . .
23
BAT_ERR: Battery Error . . . . . . . . . . . .
23
BAT_WRN: Battery Early Warning . . . . . .
23
PDR: Power Down Reset Detected . . . . . .
23
PRESET: Pin Preset Detected . . . . . . . .
24
Error Output NERR . . . . . . . . . . . . . .
24
Error Output During Startup . . . . . . . . . .
24
Warning Output NWRN . . . . . . . . . . . .
24
Status Byte . . . . . . . . . . . . . . . . . . .
24
Command Register . . . . . . . . . . . . . .
24
SUPPLY SWITCH AND BATTERY
MONITORING
25
CURRENT CONSUMPTION IN BATTERY
MODE
26
Serial Interface Mode (SEL = LOW) . . . . .
26
Parallel Encoder Mode (SEL = HIGH) . . . .
26
OSCILLATOR FREQUENCY CALIBRATION
27
APPLICATION EXAMPLES: Singleturn iCs
with multiturn interface (SSI Mode)
28
APPLICATION EXAMPLE: iC-PVL as battery
powered revolution counter or metering
device
29
DESIGN REVIEW: Notes On Chip Functions
30
REVISION HISTORY
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com