Electronic Components Datasheet Search
  English  ▼

X  

IC-PVL Datasheet(PDF) 16 Page - IC-Haus GmbH

Part # IC-PVL
Description  LINEAR/OFF-AXIS BATTERY-BUFFERED HALL MULTITURN ENCODER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PVL Datasheet(HTML) 16 Page - IC-Haus GmbH

Back Button IC-PVL Datasheet HTML 12Page - IC-Haus GmbH IC-PVL Datasheet HTML 13Page - IC-Haus GmbH IC-PVL Datasheet HTML 14Page - IC-Haus GmbH IC-PVL Datasheet HTML 15Page - IC-Haus GmbH IC-PVL Datasheet HTML 16Page - IC-Haus GmbH IC-PVL Datasheet HTML 17Page - IC-Haus GmbH IC-PVL Datasheet HTML 18Page - IC-Haus GmbH IC-PVL Datasheet HTML 19Page - IC-Haus GmbH IC-PVL Datasheet HTML 20Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
preliminary
preliminary
iC-PVL LINEAR/OFF-AXIS
BATTERY-BUFFERED HALL MULTITURN ENCODER
Rev B3, Page 16/33
MAGNETIC SCALE SELECTION
iC-MU
iC-PVL
dra_mu1l_mu_pvl_side_view_colored
Figure 8: Positioning of iC-PVL on a linear scale (iC-MU nonius type)
iC-PVL is able to scan magnetic pole wheels or linear
scales with a pole width of 1 mm to 5 mm. This corre-
sponds to a magnetic period (N-S sequence) of 2 to
10 mm. Due to the diagonal sensor array, iC-PVL is ro-
tated 45° in relation to the magnetic code (see Figures
8, 9, 10).
With the recommended differential scanning mode
(POLEWID = 0x00), the measurement is highly toler-
ant to external common mode magnetic stray fields.
The ideal pole width in this operating mode is 1.5 mm,
but the device is functional with a pole width range
of about 1 to 3 mm. This enables iC-PVL to use the
same magnetic scale as a linear or off-axis singleturn
sensor (e.g. iC-MU (1.28 mm), iC-MU150 (1.5 mm),
iC-MHL200 (2 mm)).
POLEWID
Addr. 0x04; bit 1:0
Code
Pole size
Ideal size
Scanning
0x00
1 - 3 mm
1.5 mm
Off-axis, differential
0x01
4 - 5 mm
4.5 mm
Off-axis, single-ended
0x02
2 - 4 mm
3.0 mm
Off-axis, single-ended
0x03
1 - 3 mm
1.5 mm
Off-axis, single-ended
Table 9: Pole size of magnetic scale
Together with the iC-MU off-axis nonius encoder, a mag-
netic multiturn encoder can be realized (see Figure 13,
P. 28). The iC-PVL Hall sensor array is placed over
the center line of a magnetic track, e.g. at a radius
of 13.375 mm to scan the master track of the MU18S
30-32N magnetic target (see Figure 10). In this case,
the corresponding PCR value for 32 magnetic periods
(PCR = 0x1F) has to be applied (see Table 10).
iC-MU
iC-PVL
dra_mu2s_mu_pvl_side_view_colored
Figure 9: Positioning of iC-PVL on a pole wheel
(iC-MU nonius type)
iC-MU
iC-PVL
dra_mu2s_mu_pvl_top_view_mono
Figure 10: Positioning of iC-PVL on a pole wheel
(iC-MU nonius type).
In these applications, a certain number of magnetic pe-
riods (i.e., north-south pole pairs) may be interpreted as
one mechanical revolution. The FlexCount® logic offers
this functionality. By electrically emulating the charac-
teristics of a gear box, the gear transmission is freely
programmable. 1 to 256 pole pairs can be interpreted
as one mechanical revolution. The configuration param-
eter PCR, period counts per (mechanical) revolution, is
used as defined in Table 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com