Electronic Components Datasheet Search
  English  ▼

X  

91C100FDREVB Datasheet(PDF) 33 Page - SMSC Corporation

Part # 91C100FDREVB
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C100FDREVB Datasheet(HTML) 33 Page - SMSC Corporation

Back Button 91C100FDREVB Datasheet HTML 29Page - SMSC Corporation 91C100FDREVB Datasheet HTML 30Page - SMSC Corporation 91C100FDREVB Datasheet HTML 31Page - SMSC Corporation 91C100FDREVB Datasheet HTML 32Page - SMSC Corporation 91C100FDREVB Datasheet HTML 33Page - SMSC Corporation 91C100FDREVB Datasheet HTML 34Page - SMSC Corporation 91C100FDREVB Datasheet HTML 35Page - SMSC Corporation 91C100FDREVB Datasheet HTML 36Page - SMSC Corporation 91C100FDREVB Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 33
Rev. 05/31/2000
The TX EMPTY INT ENABLE should only be set after the following steps:
a) a packet is enqueued for transmission
b) the previous empty condition is cleared (acknowledged)
TX INT - Set when at least one packet transmission was completed. The first packet number to be serviced can be read
from the FIFO PORTS register. The TX INT bit is always the logic complement of the TEMPTY bit in the FIFO PORTS
register. After servicing a packet number, its TX INT interrupt is removed by writing the Interrupt Acknowledge Register with
the TX INT bit set.
RCV INT - Set when a receive interrupt is generated. The first packet number to be serviced can be read from the FIFO
PORTS register. The RCV INT bit is always the logic complement of the REMPTY bit in the FIFO PORTS register.
ERCV INT - Early receive interrupt. Set whenever a receive packet is being received, and the number of bytes received
into memory exceeds the value programmed as ERCV THRESHOLD (Bank 3, Offset Ch). ERCV INT stays set until
acknowledged by writing the INTERRUPT ACKNOWLEDGE REGISTER with the ERCV INT bit set.
Note: If the driver uses AUTO RELEASE mode it should enable TX EMPTY INT as well as TX INT. TX EMPTY INT will be
set when the complete sequence of packets is transmitted. TX INT will be set if the sequence stops due to a fatal error on
any of the packets in the sequence.
FIGURE 5 -
INTERRUPT
STRUCTURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com