Electronic Components Datasheet Search
  English  ▼

X  

91C100FDREVB Datasheet(PDF) 37 Page - SMSC Corporation

Part # 91C100FDREVB
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C100FDREVB Datasheet(HTML) 37 Page - SMSC Corporation

Back Button 91C100FDREVB Datasheet HTML 33Page - SMSC Corporation 91C100FDREVB Datasheet HTML 34Page - SMSC Corporation 91C100FDREVB Datasheet HTML 35Page - SMSC Corporation 91C100FDREVB Datasheet HTML 36Page - SMSC Corporation 91C100FDREVB Datasheet HTML 37Page - SMSC Corporation 91C100FDREVB Datasheet HTML 38Page - SMSC Corporation 91C100FDREVB Datasheet HTML 39Page - SMSC Corporation 91C100FDREVB Datasheet HTML 40Page - SMSC Corporation 91C100FDREVB Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 37
Rev. 05/31/2000
TYPICAL FLOW OF EVENTS FOR TRANSMIT
S/W DRIVER
MAC SIDE
1 ISSUE ALLOCATE MEMORY FOR TX - N
BYTES - the MMU attempts to allocate N bytes
of RAM.
2 WAIT
FOR
SUCCESSFUL
COMPLETION
CODE - Poll until the ALLOC INT bit is set or
enable its mask bit and wait for the interrupt.
The TX packet number is now at the Allocation
Result Register.
3 LOAD TRANSMIT DATA - Copy the TX packet
number into the Packet Number Register. Write
the Pointer Register, then use a block move
operation from the upper layer transmit queue
into the Data Register.
4 ISSUE "ENQUEUE PACKET NUMBER TO TX
FIFO" - This command writes the number
present in the Packet Number Register into the
TX FIFO. The transmission is now enqueued.
No further CPU intervention is needed until a
transmit interrupt is generated.
5
The enqueued packet will be transferred to the
MAC block as a function of TXENA (nTCR) bit
and of the deferral process (1/2 duplex mode
only) state.
6
Upon transmit completion the first word in
memory is written with the status word. The
packet number is moved from the TX FIFO into
the TX completion FIFO. Interrupt is generated
by the TX completion FIFO being not empty.
7 SERVICE INTERRUPT - Read Interrupt Status
Register. If it is a transmit interrupt, read the TX
Done Packet Number from the Fifo Ports
Register. Write the packet number into the
Packet Number Register.
The corresponding
status word is now readable from memory. If
status word shows successful transmission,
issue RELEASE packet number command to
free up the memory used by this packet.
Remove packet number from completion FIFO
by writing TX INT Acknowledge Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com