Electronic Components Datasheet Search
  English  ▼

X  

91C100FDREVB Datasheet(PDF) 63 Page - SMSC Corporation

Part # 91C100FDREVB
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C100FDREVB Datasheet(HTML) 63 Page - SMSC Corporation

Back Button 91C100FDREVB Datasheet HTML 59Page - SMSC Corporation 91C100FDREVB Datasheet HTML 60Page - SMSC Corporation 91C100FDREVB Datasheet HTML 61Page - SMSC Corporation 91C100FDREVB Datasheet HTML 62Page - SMSC Corporation 91C100FDREVB Datasheet HTML 63Page - SMSC Corporation 91C100FDREVB Datasheet HTML 64Page - SMSC Corporation 91C100FDREVB Datasheet HTML 65Page - SMSC Corporation 91C100FDREVB Datasheet HTML 66Page - SMSC Corporation 91C100FDREVB Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 63
Rev. 05/31/2000
FIGURE 23 - SYNCHRONOUS READ CYCLE - nVLBUS=0
PARAMETER
MIN
TYP
MAX
UNITS
t8
A1-A15, AEN, nBE0-nBE3 Setup to nADS Rising
10
ns
t9
A1-A15, AEN, nBE0-nBE3 Hold After nADS Rising
15
ns
t10
nCYCLE Setup to LCLK Rising
7
ns
t11
nCYCLE Hold after LCLK Rising (Non-Burst Mode)
3
ns
t16
W/nR Setup to nCYCLE Active
30
ns
t20
Data Hold from LCLK Rising (Read)
5
ns
t21
nLRDY Delay from LCLK Rising
10
ns
t23
nRDYRTN Setup to LCLK Rising
7
ns
t24
nRDYRTN Hold after LCLK Rising
3
ns
t23
t24
t10
t11
t9
t8
t16
t21
t21
D0-D31
A1-A15, AEN, nBE0-nBE3
LCLK
W/nR
ADDRES
nADS
nCYCL
READ
nSRD
RDYRT
nDATAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com