Electronic Components Datasheet Search
  English  ▼

X  

91C100FDREVB Datasheet(PDF) 38 Page - SMSC Corporation

Part # 91C100FDREVB
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

91C100FDREVB Datasheet(HTML) 38 Page - SMSC Corporation

Back Button 91C100FDREVB Datasheet HTML 34Page - SMSC Corporation 91C100FDREVB Datasheet HTML 35Page - SMSC Corporation 91C100FDREVB Datasheet HTML 36Page - SMSC Corporation 91C100FDREVB Datasheet HTML 37Page - SMSC Corporation 91C100FDREVB Datasheet HTML 38Page - SMSC Corporation 91C100FDREVB Datasheet HTML 39Page - SMSC Corporation 91C100FDREVB Datasheet HTML 40Page - SMSC Corporation 91C100FDREVB Datasheet HTML 41Page - SMSC Corporation 91C100FDREVB Datasheet HTML 42Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 68 page
background image
SMSC DS – LAN91C100FD REV. B
Page 38
Rev. 05/31/2000
TYPICAL FLOW OF EVENTS FOR RECEIVE
S/W DRIVER
MAC SIDE
1 ENABLE RECEPTION - By setting the RXEN
bit.
2
A packet is received with matching address.
Memory is requested from MMU.
A packet
number is assigned to it. Additional memory is
requested if more pages are needed.
3
The internal DMA logic generates sequential
addresses and writes the receive words into
memory.
The MMU does the sequential to
physical address translation. If overrun, packet
is dropped and memory is released.
4
When the end of packet is detected, the status
word is placed at the beginning of the receive
packet in memory. Byte count is placed at the
second word. If the CRC checks correctly the
packet number is written into the RX FIFO. The
RX FIFO, being not empty, causes RCV INT
(interrupt) to be set.
If CRC is incorrect the
packet memory is released and no interrupt will
occur.
5 SERVICE INTERRUPT - Read the Interrupt
Status Register and determine if RCV INT is set.
The next receive packet is at receive area. (Its
packet number can be read from the FIFO Ports
Register). The software driver can process the
packet by accessing the RX area, and can move
it out to system memory if desired.
When
processing is complete the CPU issues the
REMOVE AND RELEASE FROM TOP OF RX
command to have the MMU free up the used
memory and packet number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com