Electronic Components Datasheet Search
  English  ▼

X  

ADV7174 Datasheet(PDF) 49 Page - Analog Devices

Part # ADV7174
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADV7174 Datasheet HTML 44Page - Analog Devices ADV7174 Datasheet HTML 45Page - Analog Devices ADV7174 Datasheet HTML 46Page - Analog Devices ADV7174 Datasheet HTML 47Page - Analog Devices ADV7174 Datasheet HTML 48Page - Analog Devices ADV7174 Datasheet HTML 49Page - Analog Devices ADV7174 Datasheet HTML 50Page - Analog Devices ADV7174 Datasheet HTML 51Page - Analog Devices ADV7174 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 49 of 52
APPENDIX 7—OPTIONAL OUTPUT FILTER
If an output filter is required for the CVBS, Y, UV, chroma, and
RGB outputs of the ADV7174/ADV7179, the filter shown in
Figure 79 can be used. Plots of the filter characteristics are
shown in Figure 80. An output filter is not required if the
outputs of the ADV7174/ADV7179 are connected to most
analog monitors or analog TVs. However, if the output signals
are applied to a system where sampling is used (e.g., digital
TVs), then a filter is required to prevent aliasing.
1.8
µH
75
Ω
270pF
22pF
DISPLAY DEVICE
Z0 = 75Ω
330pF
FILTER I/P
75
Ω
Figure 79. Output Filter
FREQUENCY (Hz)
0
80
100k
70
60
50
40
30
20
10
1M
10M
100M
Figure 80. Output Filter Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com