Electronic Components Datasheet Search
  English  ▼

X  

ADV7174 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7174
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174 Datasheet(HTML) 4 Page - Analog Devices

  ADV7174 Datasheet HTML 1Page - Analog Devices ADV7174 Datasheet HTML 2Page - Analog Devices ADV7174 Datasheet HTML 3Page - Analog Devices ADV7174 Datasheet HTML 4Page - Analog Devices ADV7174 Datasheet HTML 5Page - Analog Devices ADV7174 Datasheet HTML 6Page - Analog Devices ADV7174 Datasheet HTML 7Page - Analog Devices ADV7174 Datasheet HTML 8Page - Analog Devices ADV7174 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 4 of 52
SPECIFICATIONS
2.8 V SPECIFICATIONS
VAA = 2.8 V, VREF = 1.235 V, RSET = 150 Ω. All specifications TMIN to TMAX1, unless otherwise noted.
Table 1.
Parameter
Conditions1
Min
Typ
Max
Unit
STATIC PERFORMANCE2
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
Integral Nonlinearity
RSET = 300 Ω
±3.0
LSB
Differential Nonlinearity
Guaranteed monotonic
±1
LSB
DIGITAL INPUTS2
Input High Voltage, VINH
1.6
V
Input Low Voltage, VINL
0.7
V
Input Current, IIN
VIN = 0.4 V or 2.4 V
±1
µA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS2
Output High Voltage, VOH
ISOURCE = 400 µA
2.4
V
Output Low Voltage, VOL
ISINK = 3.2 mA
0.4
V
Three-State Leakage Current
10
µA
Three-State Output Capacitance
10
pF
ANALOG OUTPUTS2
Output Current 3
RSET = 150 Ω, RL = 37.5 Ω
33
34.7
37
mA
DAC-to-DAC Matching
2.0
%
Output Compliance, VOC
0
1.4
V
Output Impedance, ROUT
30
kΩ
Output Capacitance, COUT
IOUT = 0 mA
30
pF
POWER REQUIREMENTS2, 4
VAA
2.8
V
Normal Power Mode
IDAC (Max)5
RSET = 150 Ω, RL = 37.5 Ω
115
120
mA
ICCT6
30
mA
Low Power Mode
IDAC (Max)5
62
mA
ICCT6
30
mA
Sleep Mode
IDAC7
0.1
µA
ICCT8
0.001
µA
Power Supply Rejection Ratio
COMP = 0.1 µF
0.01
0.5
%/%
1 Temperature range TMIN to TMAX: –20°C to +85°C.
2 Guaranteed by characterization.
3 DACs can output 35 mA typically at 2.8 V (RSET = 150 Ω and RL = 37.5 Ω). Full drive into 37.5 Ω load.
4 Power measurements are taken with clock frequency = 27 MHz. Max TJ = 110°C.
5 IDAC is the total current (min corresponds to 5 mA output per DAC, max corresponds to 37 mA output per DAC) to drive all three DACs. Turning off individual DACs
reduces IDAC correspondingly.
6 ICCT (circuit current) is the continuous current required to drive the device.
7 Total DAC current in sleep mode.
8 Total continuous current during sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com