Electronic Components Datasheet Search
  English  ▼

X  

ADV7174 Datasheet(PDF) 27 Page - Analog Devices

Part # ADV7174
Description  Chip Scale PAL/NTSC Video Encoder with Advanced Power Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7174 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADV7174 Datasheet HTML 23Page - Analog Devices ADV7174 Datasheet HTML 24Page - Analog Devices ADV7174 Datasheet HTML 25Page - Analog Devices ADV7174 Datasheet HTML 26Page - Analog Devices ADV7174 Datasheet HTML 27Page - Analog Devices ADV7174 Datasheet HTML 28Page - Analog Devices ADV7174 Datasheet HTML 29Page - Analog Devices ADV7174 Datasheet HTML 30Page - Analog Devices ADV7174 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
ADV7174/ADV7179
Rev. A | Page 27 of 52
REGISTER PROGRAMMING
This section describes the configuration of each register,
including the subaddress register, mode registers, subcarrier
frequency registers, the subcarrier phase register, timing
registers, closed captioning extended data registers, closed
captioning data registers, and NTSC pedestal control registers.
SUBADDRESS REGISTER (SR7–SR0)
The communications register is an 8-bit write-only register.
After the part has been accessed over the bus and a read/write
operation is selected, the subaddress is set up. The subaddress
register determines to/from which register the operation takes
place.
Figure 37 shows the various operations under the control of the
subaddress register. Zero should always be written to SR7–SR6.
REGISTER SELECT (SR5–SR0)
These bits are set up to point to the required starting address.
SR4
SR3
SR2
SR1
SR0
SR7
SR6
SR5
ZERO SHOULD BE WRITTEN
TO THESE BITS
SR7 – SR6(000)
POWER-UP
VALUES
SR5 SR4 SR3 SR2 SR1 SR0
0
0
0
MODE REGISTER 0
0
0
1
MODE REGISTER 1
00
1
MODE REGISTER 2
00
1
MODE REGISTER 3
00
0
MODE REGISTER 4
0
0
0
RESERVED
0
0
1
RESERVED
00
1
TIMING MODE REGISTER 0
01
0
TIMING MODE REGISTER 1
0
1
0
SUBCARRIER FREQUENCY REGISTER 0
0
1
1
SUBCARRIER FREQUENCY REGISTER 1
0
1
1
SUBCARRIER FREQUENCY REGISTER 2
0
1
0
SUBCARRIER FREQUENCY REGISTER 3
0
1
0
SUBCARRIER PHASE REGISTER
0
1
1
CLOSED CAPTIONING EXTENDED DATA BYTE 0
0
1
1
CLOSED CAPTIONING EXTENDED DATA BYTE 1
0
0
0
CLOSED CAPTIONING DATA BYTE 0
0
0
0
CLOSED CAPTIONING DATA BYTE 1
0
0
1
NTSC PEDESTAL CONTROL REGISTER 0/
PAL TTX CONTROL REGISTER 0
0
0
1
NTSC PEDESTAL CONTROL REGISTER 1/
PAL TTX CONTROL REGISTER 1
0
0
0
NTSC PEDESTAL CONTROL REGISTER 2/
PAL TTX CONTROL REGISTER 2
0
0
0
NTSC PEDESTAL CONTROL REGISTER 3/
PAL TTX CONTROL REGISTER 3
0
0
1
CGMS_WSS_0
0
0
1
CGMS_WSS_1
0
1
0
CGMS_WSS_2
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
11
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
00
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
TELETEXT REQUEST CONTROL REGISTER
ADV7179 SUBADDRESS REGISTER
SR5 SR4 SR3 SR2 SR1 SR0
ADV7174 SUBADDRESS REGISTER
0
0
0
MODE REGISTER 0
0
0
0
MODE REGISTER 1
0
0
1
MODE REGISTER 2
0
0
1
MODE REGISTER 3
0
0
0
MODE REGISTER 4
0
0
0
RESERVED
0
0
1
RESERVED
0
0
1
TIMING MODE REGISTER 0
0
1
0
TIMING MODE REGISTER 1
0
1
0
SUBCARRIER FREQUENCY REGISTER 0
0
1
1
SUBCARRIER FREQUENCY REGISTER 1
0
1
1
SUBCARRIER FREQUENCY REGISTER 2
0
1
0
SUBCARRIER FREQUENCY REGISTER 3
0
1
0
SUBCARRIER PHASE REGISTER
0
1
1
CLOSED CAPTIONING EXTENDED DATA BYTE 0
0
1
1
CLOSED CAPTIONING EXTENDED DATA BYTE 1
0
0
0
CLOSED CAPTIONING DATA BYTE 0
0
0
0
CLOSED CAPTIONING DATA BYTE 1
0
0
1
NTSC PEDESTAL CONTROL REGISTER 0/
PAL TTX CONTROL REGISTER 0
0
0
1
NTSC PEDESTAL CONTROL REGISTER 1/
PAL TTX CONTROL REGISTER 1
0
0
0
NTSC PEDESTAL CONTROL REGISTER 2/
PAL TTX CONTROL REGISTER 2
0
0
0
NTSC PEDESTAL CONTROL REGISTER 3/
PAL TTX CONTROL REGISTER 3
0
0
1
CGMS_WSS_0
0
0
1
CGMS_WSS_1
0
1
0
CGMS_WSS_2
0
1
0
TELETEXT REQUEST CONTROL REGISTER
0
1
1
RESERVED
0
1
1
RESERVED
0
1
0
RESERVED
0
1
0
RESERVED
0
1
1
MACROVISION REGISTERS
0
1
1
MACROVISION REGISTERS
1
0
0
MACROVISION REGISTERS
1
0
0
MACROVISION REGISTERS
1
0
1
MACROVISION REGISTERS
1
0
1
MACROVISION REGISTERS
1
0
0
MACROVISION REGISTERS
1
0
0
MACROVISION REGISTERS
1
0
1
MACROVISION REGISTERS
1
0
1
MACROVISION REGISTERS
1
1
0
MACROVISION REGISTERS
1
1
0
MACROVISION REGISTERS
1
1
1
MACROVISION REGISTERS
1
1
1
MACROVISION REGISTERS
1
1
0
MACROVISION REGISTERS
1
1
0
MACROVISION REGISTERS
1
1
1
MACROVISION REGISTERS
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
01
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
11
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
00h
58h
00h
00h
10h
00h
00h
00h
00h
16h
7Ch
F0h
21h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
00h
MACROVISION REGISTERS
Figure 37. Subaddress Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com