Electronic Components Datasheet Search
  English  ▼

X  

EC3293A Datasheet(PDF) 9 Page - E-CMOS Corporation

Part # EC3293A
Description  3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293A Datasheet(HTML) 9 Page - E-CMOS Corporation

Back Button EC3293A Datasheet HTML 3Page - E-CMOS Corporation EC3293A Datasheet HTML 4Page - E-CMOS Corporation EC3293A Datasheet HTML 5Page - E-CMOS Corporation EC3293A Datasheet HTML 6Page - E-CMOS Corporation EC3293A Datasheet HTML 7Page - E-CMOS Corporation EC3293A Datasheet HTML 8Page - E-CMOS Corporation EC3293A Datasheet HTML 9Page - E-CMOS Corporation EC3293A Datasheet HTML 10Page - E-CMOS Corporation EC3293A Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EC3293A
3A, 18V, 500KHz,
Synchronous Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5G01N-Rev. F002
9/11
Input Capacitor
The input current to the step-down converter is discontinuous, therefore a capacitor is required to
supply the AC current to the step-down converter while maintaining the DC input voltage. Use low ESR
capacitors for the best performance. Ceramic capacitors are preferred, but tantalum or low-ESR electrolytic
capacitors may also suffice. Choose X5R or X7R dielectrics when using ceramic capacitors.
Since the input capacitor (C1) absorbs the input switching current it requires an adequate ripple current
rating. The RMS current in the input capacitor can be estimated by:
IC1 = ILOAD × [ (VOUT/VIN) × (1 − VOUT/VIN) ]
1/2
The worst-case condition occurs at VIN = 2VOUT, where IC1= ILOAD/2. For simplification, choose the input
capacitor whose RMS current rating greater than half of the maximum load current.
The
input
capacitor
can be electrolytic,
tantalum
or ceramic. When using electrolytic or tantalum
capacitors,
a small, high quality ceramic capacitor, i.e. 0.1μF, should be placed as close to the IC as
possible. When using ceramic capacitors, make sure that they have enough capacitance
to
provide
sufficient
charge
to
prevent excessive
voltage
ripple
at
input.
The
input
voltage ripple for low ESR
capacitors can be estimated by:
ΔV
IN = [ ILOAD/(C1 × fS) ] × (VOUT/VIN) × (1 − VOUT/VIN)
Where C1 is the input capacitance value.
Output Capacitor
The output capacitor is required to maintain the DC output voltage. Ceramic, tantalum, or low ESR
electrolytic
capacitors
are
recommended.
Low
ESR capacitors are preferred to keep the output
voltage ripple low. The output voltage ripple can be estimated
by:
ΔVOUT = [ VOUT/(fS × L) ] × (1 − VOUT/VIN)× [ RESR + 1 / (8 × fS × C2) ]
Where C2 is the output capacitance value and RESR is the equivalent series resistance (ESR) value of the
output capacitor.
In the case of ceramic capacitors, the impedance at the switching frequency is dominated by the capacitance.
The
output
voltage
ripple
is
mainly
caused
by
the capacitance. For simplification, the output voltage
ripple can be estimated by:
ΔVOUT = [ VOUT/(8xfS
2 xLxC2)] × (1 − V
OUT/VIN)
In the case of tantalum or electrolytic capacitors, the ESR dominates the impedance at the switching
frequency. For simplification, the output ripple can be approximated to:
ΔVOUT = [ VOUT/(fS × L) ] × (1 − VOUT/VIN) × RESR
The characteristics of the output capacitor also affect the stability of the regulation system. The EC3293A
can be optimized for a wide range of capacitance and ESR values.
External Bootstrap Diode
An external bootstrap diode may enhance the efficiency of the regulator, the applicable conditions of
external
BOOT diode are:
● VOUT = 5V or 3.3V; and
● Duty cycle is high: D = VOUT/VIN > 65%
Figure 2: Add optional external bootstrap diode to enhance efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com