Electronic Components Datasheet Search
  English  ▼

X  

EC3293A Datasheet(PDF) 11 Page - E-CMOS Corporation

Part # EC3293A
Description  3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293A Datasheet(HTML) 11 Page - E-CMOS Corporation

Back Button EC3293A Datasheet HTML 3Page - E-CMOS Corporation EC3293A Datasheet HTML 4Page - E-CMOS Corporation EC3293A Datasheet HTML 5Page - E-CMOS Corporation EC3293A Datasheet HTML 6Page - E-CMOS Corporation EC3293A Datasheet HTML 7Page - E-CMOS Corporation EC3293A Datasheet HTML 8Page - E-CMOS Corporation EC3293A Datasheet HTML 9Page - E-CMOS Corporation EC3293A Datasheet HTML 10Page - E-CMOS Corporation EC3293A Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EC3293A
3A, 18V, 500KHz,
Synchronous Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5G01N-Rev. F002
11/11
Package Information
TSOT23-6L
Symbol
Dimensions in mm
Dimensions in Inch
Min
Max
Min
Max
A
0.700
0.900
0.028
0.035
A1
0.000
0.100
0.000
0.004
B
1.600
1.700
0.063
0.067
b
0.350
0.500
0.014
0.020
C
2.650
2.950
0.104
0.116
D
2.820
3.020
0.111
0.119
e
0.950 BSC
0.037 BSC
H
0.080
0.200
0.003
0.008
L
0.300
0.600
0.012
0.024



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com