Electronic Components Datasheet Search
  English  ▼

X  

EC3293A Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC3293A
Description  3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293A Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC3293A Datasheet HTML 1Page - E-CMOS Corporation EC3293A Datasheet HTML 2Page - E-CMOS Corporation EC3293A Datasheet HTML 3Page - E-CMOS Corporation EC3293A Datasheet HTML 4Page - E-CMOS Corporation EC3293A Datasheet HTML 5Page - E-CMOS Corporation EC3293A Datasheet HTML 6Page - E-CMOS Corporation EC3293A Datasheet HTML 7Page - E-CMOS Corporation EC3293A Datasheet HTML 8Page - E-CMOS Corporation EC3293A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EC3293A
3A, 18V, 500KHz,
Synchronous Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5G01N-Rev. F002
1/11
General Description
The EC3293A is a high-frequency, synchronous, rectified, step-down, switch-mode converter with
internal power MOSFETs. It offers a very compact solution to achieve a 3A continuous output current over
a wide input supply range, with excellent load and line regulation.
The EC3293A has synchronous-mode operation for higher efficiency over the output current-load range.
Current-mode
operation provides fast transient response and eases loop stabilization. Protection features
include over-current protection and thermal shutdown.
The
EC3293A
requires
a
minimal
number
of
readily available, standard external components and is
available in a space-saving TSOT23-6L package.
Features
● 4.7V to 18V input voltage
● Output adjustable from 0.8V to 15V
● Output current up to 3A
● Integrated 110mΩ/58mΩ power MOSFET switches
● Shutdown current 3μA typical
● Efficiency up to 95%
● Fixed frequency 500KHz
● Internal soft start
● Over current protection and Hiccup
● Over temperature protection
● RoHS Compliant and 100% Lead (Pb) Free
Applications
● Distributed power systems
● Networking systems
● FPGA, DSP, ASIC power supplies
● Notebook computers
● Green electronics or appliance
Pin Assignments


Similar Part No. - EC3293A

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293BNT3R E-CMOS-EC3293BNT3R Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3293NNMHR E-CMOS-EC3293NNMHR Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
More results

Similar Description - EC3293A

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
logo
ELM Technology Corporat...
ELM614BA ELM-TECH-ELM614BA Datasheet
1Mb / 8P
2A, 18V, 500kHz, synchronous step down DC/DC converter
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
2A 18V 500kHz synchronous step down DC/DC converter
logo
E-CMOS Corporation
EC3293 E-CMOS-EC3293 Datasheet
821Kb / 11P
3A, 18V, Synchronous Step-down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1470A HMSEMI-HM1470A Datasheet
2Mb / 13P
18V, 3A, 500KHz Synchronous Step-Down
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
A7231A AITSEMI-A7231A Datasheet
893Kb / 13P
DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 3A, 16V SYNCHRONOUS
REV1.0
logo
Fitipower Integrated Te...
FR9884 FITIPOWER-FR9884 Datasheet
862Kb / 13P
18V, 3A, 340KHz Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com