Electronic Components Datasheet Search
  English  ▼

X  

EC3293A Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # EC3293A
Description  3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3293A Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC3293A Datasheet HTML 3Page - E-CMOS Corporation EC3293A Datasheet HTML 4Page - E-CMOS Corporation EC3293A Datasheet HTML 5Page - E-CMOS Corporation EC3293A Datasheet HTML 6Page - E-CMOS Corporation EC3293A Datasheet HTML 7Page - E-CMOS Corporation EC3293A Datasheet HTML 8Page - E-CMOS Corporation EC3293A Datasheet HTML 9Page - E-CMOS Corporation EC3293A Datasheet HTML 10Page - E-CMOS Corporation EC3293A Datasheet HTML 11Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
EC3293A
3A, 18V, 500KHz,
Synchronous Step Down DC/DC Converter
E-CMOS Corp. (www.ecmos.com.tw)
5G01N-Rev. F002
10/11
In these cases, an external BOOT diode is recommended from the output of the voltage regulator to BOOT pin,
as shown in Figure 2.
The recommended external BOOT diode is IN4148, and
the BOOT capacitor is 0.1 ~ 1μF.
When VIN ≤ 6V, for the purpose of promote the Efficiency ,it can add an
externalSchottky diode
between IN and BOOT pins, as shown in Figure 3.
Figure 3: Add a Schottky diode to promote efficiency
when VIN ≤ 6V.
PCB Layout Guide
PCB layout is very important to achieve stable operation.
Please follow the guidelines below.
1) Keep the path of switching current short and minimize the loop area formed by Input capacitor,
high-side MOSFET and low-side MOSFET.
2) Bypass ceramic capacitors are suggested to be put close to the VIN Pin.
3) Ensure all feedback connections are short and direct.
Place the feedback resistors and compensation components as close to the chip as possible.
4) Rout SW away from sensitive analog areas such as FB.
5) Connect IN, SW, and especially GND respectively to a
large copper area to cool the chip to improve thermal performance and long-term reliability.
BOM of EC3293A
Please refer to the Typical Application Circuit.
Table 3: BOM selection table I.
Item
Reference
Part
1
C1
10μF
2
C5
100nF
3
C7
0.1μF
4
R4
100K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com