Electronic Components Datasheet Search
  English  ▼

X  

EC3286 Datasheet(PDF) 1 Page - E-CMOS Corporation

Part # EC3286
Description  3A 32V Synchronous Rectified Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3286 Datasheet(HTML) 1 Page - E-CMOS Corporation

  EC3286 Datasheet HTML 1Page - E-CMOS Corporation EC3286 Datasheet HTML 2Page - E-CMOS Corporation EC3286 Datasheet HTML 3Page - E-CMOS Corporation EC3286 Datasheet HTML 4Page - E-CMOS Corporation EC3286 Datasheet HTML 5Page - E-CMOS Corporation EC3286 Datasheet HTML 6Page - E-CMOS Corporation EC3286 Datasheet HTML 7Page - E-CMOS Corporation EC3286 Datasheet HTML 8Page - E-CMOS Corporation EC3286 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
3A 32V Synchronous Rectified Step-Down
Converter
EC3286
E-CMOS Corp. (www.ecmos.com.tw)
Page 1 of 14
4J23N-Rev.F001
General Description
The EC3286 is a monolithic synchronous buck regulator. The
device integrates two 90mΩ MOSFETs, and provides 3A of
continuous load current over a wide input voltage of 4.75V to
32V. Current mode control provides fast transient response and
cycle-by-cycle current limit.
An adjustable soft-start prevents inrush current at turn-on, and in
shutdown mode the supply current drops to 1µA.The EC3286
regulates the output voltage in automatic PSM/PWM mode
operation, depending on the output current, for high efficiency
operation over light to full load current.
This
device, available in an SOP-8(Exposed PAD) package,
provides a very compact solution with minimal external
components.
Features
●3A Output Current
●Wide 4.75V to 32V Operating Input Range
●Integrated 90mΩ Power MOSFET Switches
●Output Adjustable from 0.923V to 30V
●Up to 93% Efficiency
●Pulse Save Mode(PSM)/PWM Mode Operation
●Programmable Soft-Start
●Stable with Low ESR Ceramic Output Capacitors
●Fixed 340KHz Frequency
●Cycle-by-Cycle Over Current Protection
●Input Under Voltage Lockout
Applications
●Distributed Power Systems
●Networking Systems
●FPGA, DSP, ASIC Power Supplies
●Green Electronics/ Appliances
● Notebook Computers
Package Types
Figure 1. Package Types of EC3286


Similar Part No. - EC3286

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3282S E-CMOS-EC3282S Datasheet
997Kb / 9P
2A, 28V, Buck Converter
EC3282SNM1R E-CMOS-EC3282SNM1R Datasheet
997Kb / 9P
2A, 28V, Buck Converter
EC3283A E-CMOS-EC3283A Datasheet
817Kb / 13P
2A, 23V, Synchronous-Rectified Step-Down Converter
EC3283ANMHR E-CMOS-EC3283ANMHR Datasheet
817Kb / 13P
2A, 23V, Synchronous-Rectified Step-Down Converter
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
3A, 23V, Synchronous Rectified Step-Down Converter
More results

Similar Description - EC3286

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC3276 E-CMOS-EC3276 Datasheet
959Kb / 12P
2.2A/32V Synchronous Rectified Step-Down Converter
EC3278 E-CMOS-EC3278 Datasheet
966Kb / 11P
2.4A/32V Synchronous Rectified Step-Down Converter
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
3A, 23V, Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
3A 23V Synchronous Rectified Step-Down Converter
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
2A 32V Synchronous Rectified Step-Down Converter
TD2776 TECHCODE-TD2776 Datasheet
925Kb / 14P
2.2A 32V Synchronous Rectified Step-Down Converter
TD2776A TECHCODE-TD2776A Datasheet
939Kb / 14P
2.2A 32V Synchronous Rectified Step-Down Converter
TD2778 TECHCODE-TD2778 Datasheet
906Kb / 13P
2.4A 32V Synchronous Rectified Step-Down Converter
TD2786 TECHCODE-TD2786 Datasheet
606Kb / 16P
3A 30V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com