Electronic Components Datasheet Search
  English  ▼

X  

EC3286 Datasheet(PDF) 4 Page - E-CMOS Corporation

Part # EC3286
Description  3A 32V Synchronous Rectified Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3286 Datasheet(HTML) 4 Page - E-CMOS Corporation

  EC3286 Datasheet HTML 1Page - E-CMOS Corporation EC3286 Datasheet HTML 2Page - E-CMOS Corporation EC3286 Datasheet HTML 3Page - E-CMOS Corporation EC3286 Datasheet HTML 4Page - E-CMOS Corporation EC3286 Datasheet HTML 5Page - E-CMOS Corporation EC3286 Datasheet HTML 6Page - E-CMOS Corporation EC3286 Datasheet HTML 7Page - E-CMOS Corporation EC3286 Datasheet HTML 8Page - E-CMOS Corporation EC3286 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
3A 32V Synchronous Rectified Step-Down
Converter
EC3286
E-CMOS Corp. (www.ecmos.com.tw)
Page 4 of 14
4J23N-Rev.F001
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply Voltage
VIN
-0.3 to 32
V
Switch Node Voltage
VSW
30
V
Boost Voltage
VBS
VSW
– 0.3V to VSW+6V
V
Output Voltage
VOUT
0.923V to 30
V
All Other Pins
–0.3V to +6V
V
Operating Junction Temperature
TJ
150
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (HBM)
2000
V
MSL
Level3
Thermal Resistance-Junction to Ambient
RθJA
50
ºC / W
Thermal Resistance-Junction to Case
RθJC
10
ºC / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com