Electronic Components Datasheet Search
  English  ▼

X  

EC3286 Datasheet(PDF) 12 Page - E-CMOS Corporation

Part # EC3286
Description  3A 32V Synchronous Rectified Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3286 Datasheet(HTML) 12 Page - E-CMOS Corporation

Back Button EC3286 Datasheet HTML 6Page - E-CMOS Corporation EC3286 Datasheet HTML 7Page - E-CMOS Corporation EC3286 Datasheet HTML 8Page - E-CMOS Corporation EC3286 Datasheet HTML 9Page - E-CMOS Corporation EC3286 Datasheet HTML 10Page - E-CMOS Corporation EC3286 Datasheet HTML 11Page - E-CMOS Corporation EC3286 Datasheet HTML 12Page - E-CMOS Corporation EC3286 Datasheet HTML 13Page - E-CMOS Corporation EC3286 Datasheet HTML 14Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
3A 32V Synchronous Rectified Step-Down
Converter
EC3286
E-CMOS Corp. (www.ecmos.com.tw)
Page 12 of 14
4J23N-Rev.F001
The characteristics of the output capacitor also affect the stability
of
the
regulation
system. The EC3286 can be optimized for a wide range of capacitance and ESR values
Compensation Components
EC3286 employs current mode control for easy compensation and fast transient response.
The system stability and transient response are controlled through the COMP pin. COMP
pin is the output of the internal transconductance error amplifier. A series capacitor-resistor
combination
sets
a
pole-zero
combination
to
control
the characteristics of the control
system. The DC gain of the voltage feedback loop is given by:
Where AVEA is the error amplifier voltage gain; GCS is the current sense transconductance
and RLOAD is the load resistor value.
The system has two poles of importance. One is due to the compensation capacitor (C3)
and the output resistor of the error amplifier, and the other is due to the output capacitor
and the load resistor. These poles are located at:
Where GEA is the error amplifier transconductance.
The system has one zero of importance, due
to the compensation capacitor (C3) and the
compensation resistor (R3). This zero is located at:
The system may have another zero of importance, if the output capacitor has a large
capacitance and/or a high ESR value. The zero, due to the ESR and capacitance of the
output capacitor, is located at:
In this case (as shown in Figure 14), a third pole set by the compensation capacitor (C6)
and the compensation resistor (R3) is used to compensate the effect of the ESR zero on the
loop gain. This pole is located at:
The goal of compensation design is to shape the converter transfer function to get a
desired loop gain. The system crossover frequency where the feedback loop has the
unity gain is important. Lower crossover frequencies result in Slower line and
load
transient responses, while higher crossover frequencies could cause system instability. A good
rule
of
thumb
is
to
set
the
crossover
frequency
below one-tenth of the switching
frequency. To optimize the compensation components, the following
procedure can be used.
1. Choose the compensation resistor (R3) to set the desired crossover frequency.
Determine the R3 value by the following equation:
Where fC is the desired crossover frequency which is typically below one tenth of the switching
frequency.
2. Choose the compensation capacitor (C3) to achieve the desired phase margin. For
applications with typical inductor values, setting the compensation zero, fZ1, below one-forth of
the crossover frequency provides sufficient phase margin. Determine the C3 value by the
following equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com