Electronic Components Datasheet Search
  English  ▼

X  

EC3286 Datasheet(PDF) 10 Page - E-CMOS Corporation

Part # EC3286
Description  3A 32V Synchronous Rectified Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-CMOS [E-CMOS Corporation]
Direct Link  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC3286 Datasheet(HTML) 10 Page - E-CMOS Corporation

Back Button EC3286 Datasheet HTML 6Page - E-CMOS Corporation EC3286 Datasheet HTML 7Page - E-CMOS Corporation EC3286 Datasheet HTML 8Page - E-CMOS Corporation EC3286 Datasheet HTML 9Page - E-CMOS Corporation EC3286 Datasheet HTML 10Page - E-CMOS Corporation EC3286 Datasheet HTML 11Page - E-CMOS Corporation EC3286 Datasheet HTML 12Page - E-CMOS Corporation EC3286 Datasheet HTML 13Page - E-CMOS Corporation EC3286 Datasheet HTML 14Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
3A 32V Synchronous Rectified Step-Down
Converter
EC3286
E-CMOS Corp. (www.ecmos.com.tw)
Page 10 of 14
4J23N-Rev.F001
Function Description
PWM Operation
The EC3286 utilizes DEM control to improve light load efficiency. Depending on the load current,
the controller automatically operates in Diode Emulation Mode (DEM) or in Continuous
Conduction Mode (CCM) with fixed frequency PWM.
At light load condition, the EC3286 automatically operates in diode emulation mode to reduce
switching frequency to improve efficiency. As the output current decreases from heavy load
condition, the
inductor
current
decreases, and eventually the inductor valley current
decreases to zero, which is the boundary between continuous conduction mode and
discontinuous conduction mode. By emulating the behavior of diodes, the low side MOSFET
allows only
partial negative
current
to
flow
when
the
inductor freewheeling current
becomes negative. As the load current further decreases, it takes longer and longer to discharge
the output capacitor to the level that allows the next UGATE on-time to begin. When the output
current increases from light load to heavy load, the switching frequency increases to the
CCM value as the inductor current reaches the continuous conduction condition. The controller
will then operate in continuous conduction mode with 340kHz fixed PWM switching frequency.
Setting the Output Voltage
The output voltage is set using a resistive voltage divider from the output voltage to FB pin.
The voltage divider divides the output voltage down to the feedback voltage by the ratio:
Where VFB is the feedback voltage and VOUT is the output voltage. Thus the output voltage
is:
R2 can be as high as 100kΩ, but a typical value is 10kΩ. Using the typical value for R2, R1 is
determined by:
For example, for a 3.3V output voltage, R2 is 10kΩ, and R1 is 26.1kΩ.
Inductor
The inductor is required to supply constant current to the output load while being driven by the
switched input voltage. A larger value inductor will result in less ripple current that will
result in lower output ripple voltage. However ,the larger value inductor will have a larger
physical size, higher series resistance, and/or lower saturation current. A good rule for
determining the inductance to use is to allow the peak-to-peak ripple current in the inductor to
be approximately 30% of the maximum switch current limit. Also, make sure that the peak
inductor current is below the maximum switch current limit. The inductance value can be
calculated by:
Where VOUT is the output voltage, VIN is the input voltage, fS is the switching frequency, and ΔIL
is the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under the maximum inductor peak current. The
peak inductor current can be calculated by:
Where ILOAD is the load current.
The choice of which style inductor to use mainly depends on the price vs. size requirements and
any EMI requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com