Electronic Components Datasheet Search
  English  ▼

X  

MB3U Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # MB3U
Description  BiSS, SSI, PC-USB ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB3U Datasheet(HTML) 5 Page - IC-Haus GmbH

  MB3U Datasheet HTML 1Page - IC-Haus GmbH MB3U Datasheet HTML 2Page - IC-Haus GmbH MB3U Datasheet HTML 3Page - IC-Haus GmbH MB3U Datasheet HTML 4Page - IC-Haus GmbH MB3U Datasheet HTML 5Page - IC-Haus GmbH MB3U Datasheet HTML 6Page - IC-Haus GmbH MB3U Datasheet HTML 7Page - IC-Haus GmbH MB3U Datasheet HTML 8Page - IC-Haus GmbH MB3U Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MB3U, MB3U-I2C
BiSS, SSI, PC-USB ADAPTER
Rev C3, Page 5/16
ELECTRICAL CHARACTERISTICS
Operating conditions: USB 2.0, port maximum 500 mA, Ta = 0..30 °C
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Supply
001 Vusb
Supply Voltage
By USB port
4.5
5.0
5.5
V
002 Iusb
Current Consumption
From USB port
500
mA
003 Vext
Permissible External Supply
By wall adapter
9
12
15
V
Plug disconnects internal VB when plugged
004 VB
VB Supply Output
USB powered
9
12
13
V
005 VB
VB Supply Output
With wall adapter (Vext = 12 V, 500 mA)
Vext
V
006 I(VB)
Permissible VB Load Current
USB powered;
150
mA
load at VB of 9 pin BiSS/SSI connector;
no other load at 9 pin BiSS/SSI connector
(VDD, MA±, MO±);
no load at 10 pin pigtail SPI/I2C
007 I(VB)
Permissible VB Load Current
wall adapter (12 V, 500 mA) powered;
500
mA
load at VB of 9 pin BiSS/SSI connector;
no load at 9 pin BiSS/SSI connector (VDD,
MA±, MO±);
no load at 10 pin pigtail SPI/I2C
008 VDD
VDD Supply Output
At 10 pin pigtail SPI/I2C and 9 pin BiSS/SSI
4.5
5
5.5
V
009 I(VDD)
Permissible VDD Load Current
at 10 pin pigtail SPI/I2C
USB powered;
200
mA
load at VDD of 10 pin pigtail SPI/I2C;
no other load 10 pin pigtail SPI/I2C (MOSI,
SCL, NCS);
no load at 9 pin BiSS/SSI connector
010 I(VDD)
Permissible VDD Load Current
at 9 pin BiSS/SSI connector
USB powered;
150
mA
load at VDD of 9 pin BiSS/SSI connector;
no load at 9 pin BiSS/SSI connector (VDD,
MA±, MO±);
no load 10 pin pigtail SPI/I2C
011 I(VDD)
Permissible VDD Load Current
at 9 pin BiSS/SSI connector;
With wall adapter (12 V, 500 mA);
250
mA
load at VDD of 9 pin BiSS/SSI connector;
no load at 9 pin BiSS/SSI connector (VDD,
MA±, MO±);
no load 10 pin pigtail SPI/I2C
BiSS/SSI Communication Lines
101 Vout()
Diff. Clock Output at MA+, MA-
RL = 54Ω
1.1
2.2
5
V
(according to RS422 driver 65LBC179)
102 fclock()
Clock Frequency at MA+, MA-
iC-MB3 BiSS master oscillator
10
MHz
external oscillator
10
MHz
103 Vout()
Diff. Data Output at MO+, MO-
RL = 54Ω
1.1
2.2
5
V
(according to RS422 driver 65LBC179)
104 fdata()
Data Frequency at MO+, MO-
iC-MB3 BiSS master oscillator
10
MHz
external oscillator
10
MHz
105 VIT+()
Positive going input threshold
voltage at SL+ vs. SL-
according to RS422 (transceiver 65LBC179)
0.2
V
106 VIT-()
Negative going input threshold
voltage at SL+ vs. SL-
according to RS422 (transceiver 65LBC179)
-0.2
V
107 VHYST
Hysteresis voltage
according to RS422 (transceiver 65LBC179)
45
mV
108 Rin()
Input Termination at SL+ vs. SL-
120
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com