Electronic Components Datasheet Search
  English  ▼

X  

MB3U Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # MB3U
Description  BiSS, SSI, PC-USB ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB3U Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button MB3U Datasheet HTML 2Page - IC-Haus GmbH MB3U Datasheet HTML 3Page - IC-Haus GmbH MB3U Datasheet HTML 4Page - IC-Haus GmbH MB3U Datasheet HTML 5Page - IC-Haus GmbH MB3U Datasheet HTML 6Page - IC-Haus GmbH MB3U Datasheet HTML 7Page - IC-Haus GmbH MB3U Datasheet HTML 8Page - IC-Haus GmbH MB3U Datasheet HTML 9Page - IC-Haus GmbH MB3U Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MB3U, MB3U-I2C
BiSS, SSI, PC-USB ADAPTER
Rev C3, Page 6/16
ELECTRICAL CHARACTERISTICS
Operating conditions: USB 2.0, port maximum 500 mA, Ta = 0..30 °C
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Extension Cable (MB3U-I2C pigtail cable only)
201 Vin()
Input Switching Threshold
Voltage at SDA (MISO)
Standard level
1.2
1.3
1.5
V
(according to FT2232)
202 Vhyst()
Input Switching Hysteresis
Voltage at SDA
Standard level
50
30
25
mV
(according to FT2232)
203 Vo()hi
Output Voltage high at SCL,
SCLK, SDA
I(source) = -2 mA, standard level
3.2
4.1
4.9
V
(according to FT2232)
204 Vo()lo
Output Voltage high at SCL,
SCLK, SDA
I(sink) = 2 mA, standard level
0.3
0.4
0.6
V
(according to FT2232)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com