Electronic Components Datasheet Search
  English  ▼

X  

MB3U Datasheet(PDF) 14 Page - IC-Haus GmbH

Part # MB3U
Description  BiSS, SSI, PC-USB ADAPTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

MB3U Datasheet(HTML) 14 Page - IC-Haus GmbH

Back Button MB3U Datasheet HTML 8Page - IC-Haus GmbH MB3U Datasheet HTML 9Page - IC-Haus GmbH MB3U Datasheet HTML 10Page - IC-Haus GmbH MB3U Datasheet HTML 11Page - IC-Haus GmbH MB3U Datasheet HTML 12Page - IC-Haus GmbH MB3U Datasheet HTML 13Page - IC-Haus GmbH MB3U Datasheet HTML 14Page - IC-Haus GmbH MB3U Datasheet HTML 15Page - IC-Haus GmbH MB3U Datasheet HTML 16Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MB3U, MB3U-I2C
BiSS, SSI, PC-USB ADAPTER
Rev C3, Page 14/16
REVISION HISTORY
Rel.
Rel. Date∗
Chapter
Modification
Page
A1
2005-02-08
First release
Rel.
Rel. Date∗
Chapter
Modification
Page
A4
2007-10-05
Update
all
Rel.
Rel. Date∗
Chapter
Modification
Page
A5
2007-10-08 FEATURES
Update of MB3U technical data, MB3U-I2C, software description
all
Rel.
Rel. Date∗
Chapter
Modification
Page
A6
2009-11-09 FEATURES
Update of MB3U-I2C optional SPI interface functionality
all
Rel.
Rel. Date∗
Chapter
Modification
Page
B1
2010-01-21 ORDERING INFORMATION
iC-MB3 iCSY MB3U-PS230 and iC-MB3 iCSY MB3U-I2C-PS230 added
1
ORDERING INFORMATION
Scope of delivery: wall power supply removed
1
Rel.
Rel. Date∗
Chapter
Modification
Page
B2
2010-05-03 FEATURES
BiSS plug pin configuration table format updated
1
FEATURES
I2C plug pin configuration For I2C header updated
2
FEATURES
I2C plug pin configuration For SPI header updated
2
FEATURES
100 mA for +5 V and +12 V available starting from 2008 added
2
Rel.
Rel. Date∗
Chapter
Modification
Page
B3
2013-02-27 FEATURES
BUA info added
1
Rel.
Rel. Date∗
Chapter
Modification
Page
B4
2013-12-05 FEATURES
Driver download updated
4
APPLICATION SOFTWARE
BiSS software download updated
4
APPLICATION SOFTWARE
Installation instructions updated
4 . . . 5
APPLICATION SOFTWARE
BiSS Software details updated to software revision D2
4 . . . 5
Rel.
Rel. Date∗
Chapter
Modification
Page
B5
2014-02-04 FEATURES
Figure 3: Power supply routing of MB3U-I2C updated
3
FEATURES
More details on the I2C/SPI interface connector
4
Rel.
Rel. Date∗
Chapter
Modification
Page
B6
2015-06-03 FEATURES
iC-MB3z no more relevance, removed
1
FEATURES
BiSS B, BiSS C and SSI protocols added
1
APPLICATION SOFTWARE
MB5U updated
4
APPLICATION SOFTWARE
BiSS software details updated to software revision E8
6 . . . 8
APPLICATION SOFTWARE
iC-Interface ↔ LPT(MB3A) BiSS PC adapter MB3A no more relevance, removed
7
Rel.
Rel. Date∗
Chapter
Modification
Page
C1
2017-03-07
Datasheet revised
all
APPLICATION SOFTWARE
BiSS Reader details updated to the all new BiSS Reader F1 release
8 . . . 12
Rel.
Rel. Date∗
Chapter
Modification
Page
C2
2017-05-26 CONNECTORS
12 V replaced by 5 V logic power supply at I2C
3
Rel.
Rel. Date∗
Chapter
Modification
Page
C3
2017-07-19 ORDERING INFORMATION
ORDERING INFORMATION retrieved
16
∗ Release Date format: YYYY-MM-DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com