Electronic Components Datasheet Search
  English  ▼

X  

LTC1966 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1966
Description  Precision Micropower, SIGMA RMS-to-DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1966 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1966 Datasheet HTML 12Page - Linear Technology LTC1966 Datasheet HTML 13Page - Linear Technology LTC1966 Datasheet HTML 14Page - Linear Technology LTC1966 Datasheet HTML 15Page - Linear Technology LTC1966 Datasheet HTML 16Page - Linear Technology LTC1966 Datasheet HTML 17Page - Linear Technology LTC1966 Datasheet HTML 18Page - Linear Technology LTC1966 Datasheet HTML 19Page - Linear Technology LTC1966 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
LTC1966
sn1966 1966fas
In any configuration, the averaging capacitor should be
connected between Pins 5 and 6. The LTC1966 RMS-DC
output will be a positive voltage created at VOUT (Pin 5)
with respect to OUT RTN (Pin 6).
Power Supply Bypassing
The LTC1966 is a switched capacitor device, and large
transient power supply currents will be drawn as the
switching occurs. For reliable operation, standard power
supply bypassing must be included. For single supply
operation, a 0.01
µF capacitor from VDD (Pin 7) to GND
(Pin 1) located close to the device will suffice. For dual
supplies, add a second 0.01
µF capacitor from VSS (Pin 4)
to GND (Pin 1), located close to the device. If there is a
good quality ground plane available, the capacitors can go
directly to that instead. Power supply bypass capacitors
can, of course, be inexpensive ceramic types.
The LTC1966 needs at least 2.7V for its power supply,
more for dual supply configurations. The range of allow-
able negative supply voltages (VSS) vs positive supply
voltages (VDD) is shown in Figure 10. Mathematically, the
VSS constraint is:
– 3 • (VDD – 2.7V) ≤ VSS ≤ GND
The LTC1966 has internal ESD absorption devices, which
are referenced to the VDD and VSS supplies. For effective
in-circuit ESD immunity, the VDD and VSS pins must be
connected to a low external impedance. This can be
accomplished with low impedance power planes or simply
with the recommended 0.01
µF decoupling to ground on
each supply.
Up and Running!
If you have followed along this far, you should have the
LTC1966 up and running by now! Don’t forget to enable
the device by grounding Pin 8, or driving it with a logic low.
Keep in mind that the LTC1966 output impedance is fairly
high, and that even the standard 10M
Ω input impedance
of a digital multimeter (DMM) or a 10
×scopeprobewillload
down the output enough to degrade its typical gain error
of 0.1%. In the end application circuit, either a buffer or
another component with an extremely high input imped-
ance (such as a dual slope integrating ADC) should be used.
For laboratory evaluation, it may suffice to use a bench-top
DMM with the ability to disconnect the 10M
Ω shunt.
If you are still having trouble, it may be helpful to skip
ahead a few pages and review the Troubleshooting Guide.
What About Response Time?
With a large value averaging capacitor, the LTC1966 can
easily perform RMS-to-DC conversion on low frequency
signals. It compares quite favorably in this regard to prior-
generation products because nothing about the
∆Σ
circuitry is temperature sensitive. So the RMS result
doesn’t get distorted by signal driven thermal fluctuations
like a log-antilog circuit output does.
However, using large value capacitors results in a slow
response time. Figure 11 shows the rising and falling step
responses with a 1
µF averaging capacitor. Although they
both appear at first glance to be standard exponential-
decay type settling, they are not. This is due to the
nonlinear nature of an RMS-to-DC calculation. Also note
the change in the time scale between the two; the rising
edge is more than twice as fast to settle to a given
accuracy. Again this is a necessary consequence of RMS-
to-DC calculation.3
Although shown with a step change between 0mV and
100mV, the same response shapes will occur with the
LTC1966 for ANY step size. This is in marked contrast to
APPLICATIO S I FOR ATIO
3 To convince oneself of this necessity, consider a pulse train of 50% duty cycle between 0mV and
100mV. At very low frequencies, the LTC1966 will essentially track the input. But as the input
frequency is increased, the average result will converge to the RMS value of the input. If the rise and
fall characteristics were symmetrical, the output would converge to 50mV. In fact though, the RMS
value of a 100mV DC-coupled 50% duty cycle pulse train is 70.71mV, which the asymmetrical rise
and fall characteristics will converge to as the input frequency is increased.
Figure 10. VSS Limits vs VDD
VDD (V)
2.5
–6
–5
–4
–3
–2
0
3
3.5
4
4.5
1966 F10
5
5.5
–1
LTC1966
OPERATES IN THIS RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com