Electronic Components Datasheet Search
  English  ▼

X  

LTC1966 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC1966
Description  Precision Micropower, SIGMA RMS-to-DC Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1966 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC1966 Datasheet HTML 24Page - Linear Technology LTC1966 Datasheet HTML 25Page - Linear Technology LTC1966 Datasheet HTML 26Page - Linear Technology LTC1966 Datasheet HTML 27Page - Linear Technology LTC1966 Datasheet HTML 28Page - Linear Technology LTC1966 Datasheet HTML 29Page - Linear Technology LTC1966 Datasheet HTML 30Page - Linear Technology LTC1966 Datasheet HTML 31Page - Linear Technology LTC1966 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC1966
sn1966 1966fas
©LINEAR TECHNOLOGY CORPORATION 2001
LT/TP 1002 1K REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1077
Micropower, Single Supply Precision Op Amp
48
µA ISY, 60µV VOS(MAX), 450pA IOS(MAX)
LT1175-5
Negative, –5V Fixed, Micropower LDO Regulator
45
µA IQ, Available in SO-8 or SOT-223
LT1494
1.5
µA Max, Precision Rail-to-Rail I/O Op Amp
375
µV VOS(MAX), 100pA IOS(MAX)
LT1782
General Purpose SOT-23 Rail-to-Rail Op Amp
40
µA ISY, 800µV VOS(MAX), 2nA IOS(MAX)
LT1880
SOT-23 Rail-to-Rail Output Precision Op Amp
1.2mA ISY, 150µV VOS(MAX), 900pA IOS(MAX)
LTC2050
Zero Drift Op Amp in SOT-23
750
µA ISY, 3µV VOS(MAX), 75pA IB(MAX)
LT2178/LT2178A
17
µA Max, Single Supply Precision Dual Op Amp
14
µA ISY, 120µV VOS(MAX), 350pA IOS(MAX)
LTC2402
2-Channel, 24-bit, Micropower, No Latency
∆ΣTM ADC
200
µA ISY, 4ppm INL, 10ppm TUE
LTC2420
20-bit, Micropower, No Latency
∆Σ ADC in SO-8
200
µA ISY, 8ppm INL, 16ppm TUE
LTC2422
2-Channel, 20-bit, Micropower, No Latency
∆Σ ADC
Dual channel version of LTC2420
No Latency
∆Σ is a trademark of Linear Technology Corporation.
±2.5V Supplies, Single Ended, DC-Coupled
RMS-to-DC Converter with Shutdown
VDD
2.5V
–2.5V
–2.5V
–2.5V
LTC1966
IN1
DC OUTPUT
CAVE
1
µF
0.1
µF
X7R
IN2
1966 TA06
VOUT
DC + AC
INPUT
(1VPEAK)
OUT RTN
GND
EN
VSS
OFF
≥2V
≤–2V
ON
Battery-Powered Single-Ended AC-Coupled
RMS-to-DC Converter
VDD
AC INPUT
(1VPEAK)
LTC1966
IN1
DC
OUTPUT
CAVE
1
µF
CC
0.1
µF
0.1
µF
X7R
IN2
1966 TA07
VOUT
OUT RTN
GND
GND
LT1175CS8-5
SHDN
VIN
OUT
9V
SENSE
EN
VSS
TYPICAL APPLICATIO S
5V
LTC1966
IN1
VOUT
4mVDC/ARMS
CAVE
1
µF
IN2
1966 TA09
VOUT
AC CURRENT
75A MAX
50Hz TO 400Hz
OUT RTN
GND EN
VSS
10
Ω
T1: CR MAGNETICS CR8348-2500-N
www.crmagnetics.com
–5V
T1
VDD
5V
5V
–5V
–5V
LTC1966
IN1
CAVE
1
µF
0.1
µF
1.5
µF
IN2
1966 TA10
VOUT
VOLTAGE
NOISE IN
OUT RTN
GND EN
VSS
1mVDC
1
µVRMS NOISE
VOUT =
–
+
10k
100
Ω
100
Ω
100k
BW
≈ 1kHz TO 100kHz
INPUT SENSITIVITY = 1
µVRMS TYP
1/2
LTC6203
RMS Noise Measurement
75A Current Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com