Electronic Components Datasheet Search
  English  ▼

X  

LTC3830 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3830
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3830 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3830 Datasheet HTML 9Page - Linear Technology LTC3830 Datasheet HTML 10Page - Linear Technology LTC3830 Datasheet HTML 11Page - Linear Technology LTC3830 Datasheet HTML 12Page - Linear Technology LTC3830 Datasheet HTML 13Page - Linear Technology LTC3830 Datasheet HTML 14Page - Linear Technology LTC3830 Datasheet HTML 15Page - Linear Technology LTC3830 Datasheet HTML 16Page - Linear Technology LTC3830 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC3830/LTC3830-1
sn3830 3830fs
Figure 12 shows a typical 5V to 3.3V application using a
doubling charge pump to generate PVCC1.
Power MOSFETs
Two N-channel power MOSFETs are required for most
LTC3830 circuits. These should be selected based
primarily on threshold voltage and on-resistance consid-
erations. Thermal dissipation is often a secondary con-
cern in high efficiency designs. The required MOSFET
threshold should be determined based on the available
power supply voltages and/or the complexity of the gate
drive charge pump scheme. In 3.3V input designs where
an auxiliary 12V supply is available to power PVCC1 and
PVCC2, standard MOSFETs with RDS(ON) specified at VGS
= 5V or 6V can be used with good results. The current
drawn from this supply varies with the MOSFETs used
and the LTC3830’s operating frequency, but is generally
less than 50mA.
LTC3830 applications that use 5V or lower VIN voltage and
a doubling/tripling charge pump to generate PVCC1 and
PVCC2, do not provide enough gate drive voltage to fully
enhance standard power MOSFETs. Under this condition,
the effective MOSFET RDS(ON) may be quite high, raising
the dissipation in the FETs and reducing efficiency. Logic
level FETs are the recommended choice for 5V or lower
voltage systems. Logic level FETs can be fully enhanced
with a doubler/tripling charge pump and will operate at
maximum efficiency.
After the MOSFET threshold voltage is selected, choose the
RDS(ON) based on the input voltage, the output voltage,
allowable power dissipation and maximum output current.
In a typical LTC3830 circuit, operating in continuous mode,
the average inductor current is equal to the output load
current. This current flows through either Q1 or Q2 with the
power dissipation split up according to the duty cycle:
DC Q
V
V
DC Q
V
V
VV
V
OUT
IN
OUT
IN
IN
OUT
IN
()
()
–
–
1
21
=
==
The RDS(ON) required for a given conduction loss can now
be calculated by rearranging the relation P = I2R.
R
P
DC Q
I
VP
VI
R
P
DC Q
I
VP
VV
I
DS ON Q
MAX Q
LOAD
IN
MAX Q
OUT
LOAD
DS ON Q
MAX Q
LOAD
IN
MAX Q
IN
OUT
LOAD
()
()
()
()
()
()
() • (
)
•
•(
)
() • (
)
•
(–
) • (
)
1
1
2
1
2
2
2
2
2
2
1
2
==
==
APPLICATIO S I FOR ATIO
LTC3830
3830 F09a
+
DZ
12V
1N5242
Q1
LO
Q2
COUT
VOUT
0.1
µF
PVCC2
OPTIONAL
USE FOR VIN ≥ 7V
MBR0530T1
PVCC1
G1
G2
VIN
Figure 9a. Doubling Charge Pump
LTC3830
SS
3830 F09b
+
Q1
Q3
BSS284
R1
1M
LO
Q2
COUT
VOUT
0.1
µF
PVCC2
10
µF
D1
D2
PVCC1
G1
G2
VIN
R2
200k
Q4
3906
Figure 9b. Duty Cycle Clamp Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com