Electronic Components Datasheet Search
  English  ▼

X  

LTC3830 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3830
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3830 Datasheet(HTML) 2 Page - Linear Technology

  LTC3830 Datasheet HTML 1Page - Linear Technology LTC3830 Datasheet HTML 2Page - Linear Technology LTC3830 Datasheet HTML 3Page - Linear Technology LTC3830 Datasheet HTML 4Page - Linear Technology LTC3830 Datasheet HTML 5Page - Linear Technology LTC3830 Datasheet HTML 6Page - Linear Technology LTC3830 Datasheet HTML 7Page - Linear Technology LTC3830 Datasheet HTML 8Page - Linear Technology LTC3830 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC3830/LTC3830-1
sn3830 3830fs
Supply Voltage
VCC ....................................................................... 9V
PVCC1,2 ................................................................ 14V
Input Voltage
IFB, IMAX ............................................... – 0.3V to 14V
SENSE+, SENSE–, FB,
SHDN, FREQSET ....................... – 0.3V to VCC + 0.3V
ORDER PART
NUMBER
LTC3830ES8
TJMAX = 125°C, θJA = 130°C/ W
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
S8
PART MARKING
3830
(Note 1)
Junction Temperature ........................................... 125
°C
Operating Temperature Range (Note 9) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
8
7
6
5
TOP VIEW
G2
VCC/PVCC2
COMP
SHDN
G1
PVCC1
GND
FB
S8 PACKAGE
8-LEAD PLASTIC SO
ORDER PART
NUMBER
LTC3830-1ES8
S8
PART MARKING
38301
1
2
3
4
8
7
6
5
TOP VIEW
G2
VCC/PVCC2
COMP
SS
G1
PVCC1
GND
FB
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 125°C, θJA = 130°C/ W
ORDER PART
NUMBER
LTC3830EGN
LTC3830ES
TJMAX = 125°C, θJA = 130°C/ W (GN)
TJMAX = 125°C, θJA = 100°C/ W (S)
GN PACKAGE
16-LEAD PLASTIC SSOP
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
G1
PVCC1
PGND
GND
SENSE–
FB
SENSE+
SHDN
G2
PVCC2
VCC
IFB
IMAX
FREQSET
COMP
SS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
q
358
V
PVCC
PVCC1, PVCC2 Voltage
(Note 7)
q
3
13.2
V
VUVLO
Undervoltage Lockout Voltage
2.4
2.9
V
VFB
Feedback Voltage
VCOMP = 1.25V
1.255
1.265
1.275
V
q
1.252
1.265
1.278
V
VOUT
Output Voltage
VCOMP = 1.25V
3.250
3.3
3.350
V
q
3.235
3.3
3.365
V
∆VOUT
Output Load Regulation
IOUT = 0A to 10A (Note 6)
2
mV
Output Line Regulation
VCC = 4.75V to 5.25V
0.1
mV
The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC, PVCC1, PVCC2 = 5V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
GN PART
MARKING
3830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com