Electronic Components Datasheet Search
  English  ▼

X  

LTC3830 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3830
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3830 Datasheet(HTML) 3 Page - Linear Technology

  LTC3830 Datasheet HTML 1Page - Linear Technology LTC3830 Datasheet HTML 2Page - Linear Technology LTC3830 Datasheet HTML 3Page - Linear Technology LTC3830 Datasheet HTML 4Page - Linear Technology LTC3830 Datasheet HTML 5Page - Linear Technology LTC3830 Datasheet HTML 6Page - Linear Technology LTC3830 Datasheet HTML 7Page - Linear Technology LTC3830 Datasheet HTML 8Page - Linear Technology LTC3830 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
LTC3830/LTC3830-1
sn3830 3830fs
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVCC
Supply Current
Figure 2, VSHDN = VCC
q
0.7
1.6
mA
VSHDN = 0V
q
110
µA
IPVCC
PVCC Supply Current
Figure 2, VSHDN = VCC (Note 3)
q
14
20
mA
VSHDN = 0V
q
0.1
10
µA
fOSC
Internal Oscillator Frequency
FREQSET Floating
q
160
200
250
kHz
VSAWL
VCOMP at Minimum Duty Cycle
1.2
V
VSAWH
VCOMP at Maximum Duty Cycle
2.2
V
VCOMPMAX
Maximum VCOMP
VFB = 0V, PVCC1 = 8V
2.85
V
∆fOSC/∆IFREQSET Frequency Adjustment
10
kHz/
µA
AV
Error Amplifier Open-Loop DC Gain
Measured from FB to COMP,
q
46
55
dB
SENSE+ and SENSE– Floating, (Note 4)
gm
Error Amplifier Transconductance
Measured from FB to COMP,
q
520
650
780
µmho
SENSE+ and SENSE– Floating, (Note 4)
ICOMP
Error Amplifier Output Sink/Source Current
100
µA
IMAX
IMAX Sink Current
VIMAX = VCC
912
15
µA
(Note 10)
q
412
20
µA
IMAX Sink Current Tempco
VIMAX = VCC (Note 6)
3300
ppm/
°C
VIH
SHDN Input High Voltage
q
2.4
V
VIL
SHDN Input Low Voltage
q
0.8
V
IIN
SHDN Input Current
VSHDN = VCC
q
0.1
1
µA
ISS
Soft-Start Source Current
VSS = 0V, VIMAX = 0V, VIFB = VCC
q
–8
–12
–16
µA
ISSIL
Maximum Soft-Start Sink Current
VIMAX = VCC, VIFB = 0V,
1.6
mA
In Current Limit
VSS = VCC (Note 8), PVCC1 = 8V
RSENSE
SENSE Input Resistance
29.2
k
Ω
RSENSEFB
SENSE to FB Resistance
18
k
Ω
tr, tf
Driver Rise/Fall Time
Figure 2, PVCC1 = PVCC2 = 5V (Note 5)
q
80
250
ns
tNOV
Driver Nonoverlap Time
Figure 2, PVCC1 = PVCC2 = 5V (Note 5)
q
25
120
250
ns
DCMAX
Maximum G1 Duty Cycle
Figure 2, VFB = 0V (Note 5), PVCC1 = 8V
q
91
95
%
The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC, PVCC1, PVCC2 = 5V, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: Supply current in normal operation is dominated by the current
needed to charge and discharge the external FET gates. This will vary with
the LTC3830 operating frequency, operating voltage and the external FETs
used.
Note 4: The open-loop DC gain and transconductance from the SENSE+
and SENSE– pins to COMP pin will be (AV)(1.265/3.3) and (gm)(1.265/3.3)
respectively.
Note 5: Rise and fall times are measured using 10% and 90% levels. Duty
cycle and nonoverlap times are measured using 50% levels.
Note 6: Guaranteed by design, not subject to test.
Note 7: PVCC1 must be higher than VCC by at least 2.5V for the current
limit protection circuit to be active.
Note 8: The current limiting amplifier can sink but cannot source current.
Under normal (not current limited) operation, the output current will be
zero.
Note 9: The LTC3830E/LTC3830-1E are guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 10: The minimum and maximum limits for IMAX over temperature
includes the intentional temperature coefficient of 3300ppm/
°C. This
induced temperature coefficient counteracts the typical temperature
coefficient of the external power MOSFET on-resistance. This results in a
relatively flat current limit over temperature for the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com