Electronic Components Datasheet Search
  English  ▼

X  

LTC3830 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3830
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3830 Datasheet(HTML) 5 Page - Linear Technology

  LTC3830 Datasheet HTML 1Page - Linear Technology LTC3830 Datasheet HTML 2Page - Linear Technology LTC3830 Datasheet HTML 3Page - Linear Technology LTC3830 Datasheet HTML 4Page - Linear Technology LTC3830 Datasheet HTML 5Page - Linear Technology LTC3830 Datasheet HTML 6Page - Linear Technology LTC3830 Datasheet HTML 7Page - Linear Technology LTC3830 Datasheet HTML 8Page - Linear Technology LTC3830 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC3830/LTC3830-1
sn3830 3830fs
TYPICAL PERFOR A CE CHARACTERISTICS
Maximum G1 Duty Cycle
vs Temperature
IMAX Sink Current
vs Temperature
Output Overcurrent Protection
Output Current Limit Threshold
vs Temperature
Soft-Start Source Current
vs Temperature
Soft-Start Sink Current
vs (VIFB – VIMAX)
TEMPERATURE (
°C)
–50
91
92
94
95
96
50
100
3830 G11
93
0
–25
75
100
25
125
97
98
99
VFB = 0V
REFER TO FIGURE 3
TEMPERATURE (
°C)
–50
18
25
3830 G12
12
8
–25
0
50
6
4
20
16
14
10
75
100
125
OUTPUT CURRENT (A)
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3830 G13
2
4
6
8
10
12
14
TA = 25°C
REFER TO FIGURE 12
RIMAX = 20k
TEMPERATURE (
°C)
–50
5
6
8
9
10
15
12
0
50
75
3830 G14
7
13
14
11
–25
25
100
125
REFER TO FIGURE 12 AND NOTE 10 OF
THE ELECTRICAL CHARACTERISTICS
RIMAX = 20k
TEMPERATURE (
°C)
–50
–9
25
3830 G15
–12
–14
–25
0
50
–15
–16
–8
–10
–11
–13
75
100
125
VIFB – VIMAX (mV)
–150
0.75
1.00
1.25
–75
–25
3830 G16
0.50
0.25
0
–125
–100
–50
1.50
1.75
2.00
0
TA = 25°C
Undervoltage Lockout Threshold
Voltage vs Temperature
VCC Operating Supply Current
vs Temperature
PVCC Supply Current
vs Oscillator Frequency
TEMPERATURE (
°C)
–50
2.0
2.1
2.3
2.4
2.5
3.0
2.7
0
50
75
3830 G17
2.2
2.8
2.9
2.6
–25
25
100
125
TEMPERATURE (
°C)
–50
0.8
1.4
1.5
1.6
0
50
75
3830 G18
0.6
1.2
1.0
0.7
1.3
0.5
0.4
1.1
0.9
–25
25
100
125
FREQSET FLOATING
OSCILLATOR FREQUENCY (kHz)
0
0
10
30
40
50
200
400
500
90
3830 G19
20
100
300
60
70
80
TA = 25°C
G1 AND G2 LOADED
WITH 6800pF,
PVCC1,2 = 12V
G1 AND G2
LOADED
WITH 1000pF,
PVCC1,2 = 5V
G1 AND G2
LOADED
WITH 6800pF,
PVCC1,2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com