Electronic Components Datasheet Search
  English  ▼

X  

LTC3832 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3832
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3832 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3832 Datasheet HTML 7Page - Linear Technology LTC3832 Datasheet HTML 8Page - Linear Technology LTC3832 Datasheet HTML 9Page - Linear Technology LTC3832 Datasheet HTML 10Page - Linear Technology LTC3832 Datasheet HTML 11Page - Linear Technology LTC3832 Datasheet HTML 12Page - Linear Technology LTC3832 Datasheet HTML 13Page - Linear Technology LTC3832 Datasheet HTML 14Page - Linear Technology LTC3832 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC3832/LTC3832-1
sn3832 3832fs
Connecting a 82k resistor from FREQSET to ground
forces 15
µA out of the pin, causing the internal oscillator
to run at approximately 450kHz. Forcing an external 20
µA
current into FREQSET cuts the internal frequency to
100kHz. An internal clamp prevents the oscillator from
running slower than about 50kHz. Tying FREQSET to VCC
forces the chip to run at this minimum speed. The
LTC3832-1 does not have this frequency adjustment
function.
Shutdown
The LTC3832 includes a low power shutdown mode,
controlled by the logic at the SHDN pin. A high at SHDN
allows the part to operate normally. A low level at SHDN for
more than 100
µs forces the LTC3832 into shutdown
mode. In this mode, all internal switching stops, the COMP
and SS pins pull to ground and Q1 and Q2 turn off. The
LTC3832 supply current drops to <10
µA, although off-
state leakage in the external MOSFETs may cause the total
VIN current to be some what higher, especially at elevated
temperatures. If SHDN returns high, the LTC3832 reruns
a soft-start cycle and resumes normal operation. The
LTC3832-1 does not have this shutdown function.
External Clock Synchronization
The LTC3832 SHDN pin doubles as an external clock
input for applications that require a synchronized clock.
An internal circuit forces the LTC3832 into external
synchronization mode if a negative transition at the SHDN
pin is detected. In this mode, every negative transition on
the SHDN pin resets the internal oscillator and pulls the
ramp signal low, this forces the LTC3832 internal oscil-
lator to lock to the external clock frequency. The LTC3832-1
does not have this external synchronization function.
The LTC3832 internal oscillator can be externally synchro-
nized from 100kHz to 500kHz. Frequencies above 300kHz
can cause a decrease in the maximum obtainable duty
cycle as rise/fall time and propagation delay take up a
larger percentage of the switch cycle. Circuits using these
frequencies should be checked carefully in applications
where operation near dropout is important—like 3.3V to
2.5V converters. The low period of this clock signal must
not be >100
µs, or else the LTC3832 enters shutdown
mode.
Figure 5 describes the operation of the conventional
synchronization function. A negative transition at the
SHDN pin forces the internal ramp signal low to restart a
new PWM cycle. Notice that the ramp amplitude is lowered
as the external clock frequency goes higher. The effect of
this decrease in ramp amplitude increases the open-loop
gain of the controller feedback loop. As a result, the loop
crossover frequency increases and it may cause the feed-
back loop to be unstable if the phase margin is insufficient.
To overcome this problem, the LTC3832 monitors the
peak voltage of the ramp signal and adjusts the oscillator
charging current to maintain a constant ramp peak.
APPLICATIO S I FOR ATIO
SHDN
300kHz
FREE RUNNING
RAMP SIGNAL
TRADITIONAL
SYNC METHOD
WITH EARLY
RAMP
TERMINATION
LTC3832
KEEPS RAMP
AMPLITUDE
CONSTANT
UNDER SYNC
RAMP SIGNAL
WITH EXT SYNC
RAMP AMPLITUDE
ADJUSTED
3832 F05
Figure 5. External Synchronization Operation
Input Supply Considerations/Charge Pump
The LTC3832 requires four supply voltages to operate: VIN
for the main power input, PVCC1 and PVCC2 for MOSFET
gate drive and a clean, low ripple VCC for the LTC3832
internal circuitry (Figure 6). The LTC3832-1 has the PVCC2
and VCC pins tied together inside the package (Figure 7).
This pin, brought out as VCC/PVCC2, has the same low
ripple requirements as the LTC3832, but must also be able
to supply the gate drive current to Q2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com