Electronic Components Datasheet Search
  English  ▼

X  

LTC3832 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC3832
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3832 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC3832 Datasheet HTML 15Page - Linear Technology LTC3832 Datasheet HTML 16Page - Linear Technology LTC3832 Datasheet HTML 17Page - Linear Technology LTC3832 Datasheet HTML 18Page - Linear Technology LTC3832 Datasheet HTML 19Page - Linear Technology LTC3832 Datasheet HTML 20Page - Linear Technology LTC3832 Datasheet HTML 21Page - Linear Technology LTC3832 Datasheet HTML 22Page - Linear Technology LTC3832 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LTC3832/LTC3832-1
sn3832 3832fs
Efficiency vs Load Current
Figure 12. Typical 3.3V to 2.5V, 14A Application
+
G1
IMAX
IFB
G2
PGND
GND
SENSE+
FB
VCC
SS
FREQSET
SHDN
COMP
PVCC2
1N5817
OPTIONAL
1N5817
1N5817
5.6k
1k
0.1
µF
0.1
µF
LO
1.3
µH
Q2
NC
CIN: SANYO 6TPB330M
COUT: SANYO 4TPB470M
D1: MBRS330T3
LO: SUMIDA CDEP105-1R3-MC-S
Q1A, Q1B, Q2: FAIRCHILD FDS6670A
D1
COUT
470
µF
×3
VOUT
2.5V
14A
VIN
3.3V
3832 F12a
Q1A, Q1B
2 IN PARALLEL
0.1
µF
LTC3832
10
µF
SHDN
NC
+
4.7
µF
DZ
12V
1N5242
PVCC1
SENSE–
+
CIN
330
µF
×2
+
1
µF
C1
180pF
0.01
µF
100
Ω
CC
1500pF
RC
18k
LOAD CURRENT (A)
0
60
80
100
10 11
3832 F12b
40
20
50
70
90
30
10
0
12 3
567
4
89
12 13 14 15
TA = 25°C
VIN = 3.3V
VOUT = 2.5V
REFER TO FIGURE 12
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com