Electronic Components Datasheet Search
  English  ▼

X  

LTC3832 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC3832
Description  High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3832 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC3832 Datasheet HTML 13Page - Linear Technology LTC3832 Datasheet HTML 14Page - Linear Technology LTC3832 Datasheet HTML 15Page - Linear Technology LTC3832 Datasheet HTML 16Page - Linear Technology LTC3832 Datasheet HTML 17Page - Linear Technology LTC3832 Datasheet HTML 18Page - Linear Technology LTC3832 Datasheet HTML 19Page - Linear Technology LTC3832 Datasheet HTML 20Page - Linear Technology LTC3832 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
17
LTC3832/LTC3832-1
sn3832 3832fs
APPLICATIO S I FOR ATIO
between the top of the resistor divider network and the VFB
pin to create a pole-zero pair in the loop compensation.
The zero location is prior to the pole location and thus,
phase lead can be added to boost the phase margin at the
loop crossover frequency. The pole and zero locations are
located at:
fZC2 = 1/[2π(R2)(C2)] and
fPC2 = 1/[2π(R1||R2)(C2)]
where R1||R2 is the parallel combination resistance of R1
and R2. For low R2/R1 ratios there is not much separa-
tion between fCZ2 and fPC2. In this case, use multiple
capacitors with a high ESR • capacitance product to bring
fESR close to fCO. Choose C2 so that the zero is located at
a lower frequency compared to fCO and the pole location
is high enough that the closed loop has enough phase
margin for stability. Figure 10c shows the Bode plot using
phase lead compensation around the LTC3832 resistor
divider network.
Although a mathematical approach to frequency compen-
sation can be used, the added complication of input and/or
output filters, unknown capacitor ESR, and gross operat-
ing point changes with input voltage, load current varia-
tions, all suggest a more practical empirical method. This
can be done by injecting a transient current at the load and
using an RC network box to iterate toward the final values,
or by obtaining the optimum loop response using a
network analyzer to find the actual loop poles and zeros.
Table 2 shows the suggested compensation component
value for 3.3V to 2.5V applications based on Sanyo OS-CON
4SP820M low ESR output capacitors.
Table 2. Recommended Compensation Network for 3.3V to 2.5V
Applications Using Multiple Paralleled 820
µF Sanyo OS-CON
4SP820M Output Capacitors
L1 (
µH)
COUT (µF)
RC (kΩ)CC (nF)
C1 (pF)
C2 (pF)
1.2
1640
9.1
4.7
560
1500
1.2
2460
15
4.7
330
1500
1.2
4100
24
3.3
270
1500
2.4
1640
22
4.7
330
1500
2.4
2460
33
3.3
220
1500
2.4
4100
43
2.2
180
1500
4.7
1640
33
3.3
120
1500
4.7
2460
56
2.2
100
1500
4.7
4100
91
2.2
100
1500
Table 3 shows the suggested compensation component
values for 3.3V to 2.5V applications based on 470
µFSanyo
POSCAP 4TPB470M output capacitors.
Table 3. Recommended Compensation Network for 3.3V to 2.5V
Applications Using Multiple Paralleled 470
µF Sanyo POSCAP
4TPB470M Output Capacitors
L1 (
µH)
COUT (µF)
RC (kΩ)CC (µF)
C1 (pF)
1.2
1410
13
0.0047
100
1.2
2820
27
0.0018
56
1.2
4700
51
0.0015
47
2.4
1410
33
0.0033
56
2.4
2820
62
0.0022
15
2.4
4700
82
0.001
39
4.7
1410
62
0.0022
15
4.7
2820
150
0.0015
10
4.7
4700
220
0.0015
2
Table 4 shows the suggested compensation component
values for 3.3V to 2.5V applications based on 1500
µF
Sanyo MV-WX output capacitors.
Table 4. Recommended Compensation Network for 3.3V to 2.5V
Applications Using Multiple Paralleled 1500
µF Sanyo MV-WX
Output Capacitors
L1 (
µH)
COUT (µF)
RC (kΩ)CC (µF)
C1 (pF)
1.2
4500
39
0.0042
180
1.2
6000
56
0.0033
120
1.2
9000
82
0.0033
100
2.4
4500
82
0.0033
82
2.4
6000
100
0.0022
56
2.4
9000
150
0.0022
68
4.7
4500
120
0.0022
39
4.7
6000
220
0.0022
27
4.7
9000
220
0.0015
33
LAYOUT CONSIDERATIONS
When laying out the printed circuit board, use the follow-
ing checklist to ensure proper operation of the LTC3832.
These items are also illustrated graphically in the layout
diagram of Figure 11. The thicker lines show the high
current paths. Note that at 10A current levels or above,
current density in the PC board itself is a serious concern.
Traces carrying high current should be as wide as pos-
sible. For example, a PCB fabricated with 2oz copper
requires a minimum trace width of 0.15" to carry 10A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com